Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902B Datasheet(PDF) 2 Page - STMicroelectronics

Part # LM2902B
Description  Automotive-grade, low power, quad, 36 V operational amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902B Datasheet(HTML) 2 Page - STMicroelectronics

  LM2902B Datasheet HTML 1Page - STMicroelectronics LM2902B Datasheet HTML 2Page - STMicroelectronics LM2902B Datasheet HTML 3Page - STMicroelectronics LM2902B Datasheet HTML 4Page - STMicroelectronics LM2902B Datasheet HTML 5Page - STMicroelectronics LM2902B Datasheet HTML 6Page - STMicroelectronics LM2902B Datasheet HTML 7Page - STMicroelectronics LM2902B Datasheet HTML 8Page - STMicroelectronics LM2902B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
1
Schematic diagram
Figure 1. Schematic diagram
Figure 2. Pin connections ( top view)
SO14 and T SSOP14
Output 1
Inverting input 1
Non-inverting input 1
VCC +
1
2
3
4
8
5
6
7
9
10
11
12
13
14
-
+
-
+
-
+
-
+
Non-inverting Input 2
Inverting input 2
Output 2
Output 4
Inverting input 4
Non-inverting input 4
VCC -
Non-inverting input 3
Inverting input 3
Output 3
LM2902B
Schematic diagram
DS13860 - Rev 2
page 2/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com