Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902B Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM2902B
Description  Automotive-grade, low power, quad, 36 V operational amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902B Datasheet(HTML) 1 Page - STMicroelectronics

  LM2902B Datasheet HTML 1Page - STMicroelectronics LM2902B Datasheet HTML 2Page - STMicroelectronics LM2902B Datasheet HTML 3Page - STMicroelectronics LM2902B Datasheet HTML 4Page - STMicroelectronics LM2902B Datasheet HTML 5Page - STMicroelectronics LM2902B Datasheet HTML 6Page - STMicroelectronics LM2902B Datasheet HTML 7Page - STMicroelectronics LM2902B Datasheet HTML 8Page - STMicroelectronics LM2902B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Features
•
AEC-Q100 qualified
•
Up to 36 V operating supply voltage
•
Frequency compensation implemented internally
•
Large DC voltage gain: 100 dB
•
Wide bandwidth (unity gain): 1.2 MHz (temperature compensated)
•
Very low supply current/amplifier, essentially independent of supply voltage
•
Low input bias current: 20 nA (temperature compensated)
•
Low input offset current: 2 nA
•
Input common-mode voltage range includes negative rail
•
Differential input voltage range equal to the power supply voltage
•
Large output voltage swing 0 V to Vcc -1.5 V
Applications
•
Telecom equipment
•
Power management
•
Industrial application
•
Automotive
Description
The LM2902B consists of four independent, high gain operational amplifiers (Op
Amps) that have frequency compensation implemented internally. They are designed
specifically for automotive and industrial control systems. This circuit operates from
a single power supply over a wide range of voltages. The LM2902B is guaranteed
up to 36 V supply voltage operation. The low power supply drain is independent
of the magnitude of the power supply voltage. Application areas include transducer
amplifiers, DC gain blocks and all the conventional Op Amp circuits which can now
be more easily implemented in single power supply systems. For example, these
circuits can be directly supplied from the standard 5 V which is used in logic systems
and easily provides the required electronic interfaces without requiring any additional
power supply. In linear mode, the input common-mode voltage range includes ground
and the output voltage can also swing to ground, even though operated from a single
power supply.
SO14
TSSOP14
Product status link
LM2902B
Automotive-grade, low power, quad, 36 V operational amplifier
LM2902B
Datasheet
DS13860 - Rev 2 - February 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LM2902B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2902B TI-LM2902B Datasheet
1Mb / 27P
LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
MAY 2022
LM2902B TI-LM2902B Datasheet
1Mb / 47P
LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED MAY 2022
LM2902B TI-LM2902B Datasheet
2Mb / 53P
LMx24, LMx24x, LMx24xx, LM2902, LM2902x, LM2902xx, LM2902xxx Quadruple Operational Amplifiers
REVISED OCTOBER 2022
LM2902B TI-LM2902B Datasheet
1Mb / 32P
LM2902-Q1, LM2902B-Q1, and LM2902BA-Q1 Industry-Standard Quad Operational Amplifiers for Automotive Applications
REVISED FEBRUARY 2023
LM2902B TI-LM2902B Datasheet
3Mb / 55P
Quadruple Operational Amplifiers
REVISED APRIL 2023
More results

Similar Description - LM2902B

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DBL324 DAEWOO-DBL324 Datasheet
292Kb / 6P
LOW POWER QUAD OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
IL324 ETC-IL324 Datasheet
201Kb / 4P
Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902DT STMICROELECTRONICS-LM2902DT Datasheet
195Kb / 11P
LOW POWER QUAD OPERATIONAL AMPLIFIER
Nov-2001
logo
Maxwell Technologies
124 MAXWELL-124 Datasheet
263Kb / 12P
Low-Power Quad Operational Amplifier
logo
KODENSHI_AUK CORP.
KK324 KODENSHI-KK324 Datasheet
367Kb / 5P
Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL2902 IKSEMICON-IL2902 Datasheet
337Kb / 5P
Low Power Quad Operational Amplifier
logo
STMicroelectronics
LM2902HDT STMICROELECTRONICS-LM2902HDT Datasheet
441Kb / 13P
Low power quad operational amplifier
05-Nov-2009
logo
Texas Instruments
OPA170-EP TI1-OPA170-EP Datasheet
1Mb / 20P
36-V, SINGLE-SUPPLY, LOW-POWER OPERATIONAL AMPLIFIER
OPA170-Q1 TI1-OPA170-Q1 Datasheet
1Mb / 35P
36-V, Single-Supply, Low-Power, Automotive Grade Operational Amplifiers
OPA188-Q1 TI1-OPA188-Q1 Datasheet
1Mb / 37P
Precision, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift, Automotive-Grade Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com