Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902B Datasheet(PDF) 12 Page - STMicroelectronics

Part # LM2902B
Description  Automotive-grade, low power, quad, 36 V operational amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LM2902B Datasheet HTML 8Page - STMicroelectronics LM2902B Datasheet HTML 9Page - STMicroelectronics LM2902B Datasheet HTML 10Page - STMicroelectronics LM2902B Datasheet HTML 11Page - STMicroelectronics LM2902B Datasheet HTML 12Page - STMicroelectronics LM2902B Datasheet HTML 13Page - STMicroelectronics LM2902B Datasheet HTML 14Page - STMicroelectronics LM2902B Datasheet HTML 15Page - STMicroelectronics LM2902B Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
5
Ordering information
Table 6. Ordering information
Order code
Temperature range
Package
Packing
Marking
LM2902BYDT (1)
-40 to +125 °C
SO14
Tape and reel
2902BY
LM2902BYPT(1)
TSSOP14
1. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001
and Q002 or equivalent.
LM2902B
Ordering information
DS13860 - Rev 2
page 12/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com