Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902B Datasheet(PDF) 16 Page - STMicroelectronics

Part # LM2902B
Description  Automotive-grade, low power, quad, 36 V operational amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902B Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LM2902B Datasheet HTML 9Page - STMicroelectronics LM2902B Datasheet HTML 10Page - STMicroelectronics LM2902B Datasheet HTML 11Page - STMicroelectronics LM2902B Datasheet HTML 12Page - STMicroelectronics LM2902B Datasheet HTML 13Page - STMicroelectronics LM2902B Datasheet HTML 14Page - STMicroelectronics LM2902B Datasheet HTML 15Page - STMicroelectronics LM2902B Datasheet HTML 16Page - STMicroelectronics LM2902B Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
List of figures
Figure 1.
Schematic diagram ................................................................. 2
Figure 2.
Pin connections ( top view)............................................................ 2
Figure 3.
Supply current vs. supply voltage ....................................................... 6
Figure 4.
Input offset voltage distribution VCC=36 V ................................................. 6
Figure 5.
Input offset voltage vs. temperature at VCC = 36 V ........................................... 7
Figure 6.
Input offset voltage vs. common-mode voltage at VCC = 36 V .................................... 7
Figure 7.
Input bias current vs. temperature ....................................................... 7
Figure 8.
Gain and phase vs. freq. at VCC=36 V .................................................... 7
Figure 9.
Phase margin vs. capacitive load at VCC=36 V .............................................. 7
Figure 10.
Overshoot vs. capacitive load at VCC=36V ................................................. 7
Figure 11.
Output voltage vs. output current (sinking) ................................................. 8
Figure 12.
Output voltage vs. output current (sourcing) ................................................ 8
Figure 13.
Current limiting vs. temperature ........................................................ 8
Figure 14.
Maximum output voltage vs. frequency at VCC = 15 V ......................................... 8
Figure 15.
Slew rate behavior at VCC = 36 V ....................................................... 8
Figure 16.
Slew rate behavior vs. temperature at VCC = 36 V ............................................ 8
Figure 17.
Common-mode rejection ratio and power supply rejection ratio at VCC = 5 V ......................... 9
Figure 18.
Noise vs. frequency at VCC = 36 V ...................................................... 9
Figure 19.
THD + N vs. voltage at VCC = 36 V ...................................................... 9
Figure 20.
THD + N vs. frequency at VCC = 36 V .................................................... 9
Figure 21.
Small-signal step response vs. time at VCC = 36 V ........................................... 9
Figure 22.
SO14 package outline .............................................................. 10
Figure 23.
TSSOP14 package outline ........................................................... 11
LM2902B
List of figures
DS13860 - Rev 2
page 16/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com