Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR911FAM32H6T Datasheet(PDF) 53 Page - STMicroelectronics

Part # STR911FAM32H6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR911FAM32H6T Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STR911FAM32H6T Datasheet HTML 49Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 50Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 51Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 52Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 53Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 54Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 55Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 56Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 99 page
background image
STR91xFAx32 STR91xFAx42 STR91xFAx44
Memory mapping
53/99
6
Memory mapping
The ARM966E-S CPU addresses a single linear address space of 4 giga-bytes (232) from
address 0x0000.0000 to 0xFFFF.FFFF as shown in Figure 9. Upon reset the CPU boots
from address 0x0000.0000, which is chip-select zero at address zero in the Flash Memory
Interface (FMI).
The Instruction TCM and Data TCM enable high-speed CPU operation without incurring any
performance or power penalties associated with accessing the system buses (AHB and
APB). I-TCM and D-TCM address ranges are shown at the bottom of the memory map in
Figure 9.
6.1
Buffered and non-buffered writes
The CPU makes use of write buffers on the AHB and the D-TCM to decouple the CPU from
any wait states associated with a write operation. The user may choose to use write with
buffers on the AHB by setting bit 3 in control register CP15 and selecting the appropriate
AHB address range when writing. By default at reset, buffered writes are disabled (bit 3 of
CP15 is clear) and all AHB writes are non-buffered until enabled. Figure 9 shows that most
addressable items on the AHB are aliased at two address ranges, one for buffered writes
and another for non-buffered writes. A buffered write will allow the CPU to continue program
execution while the write-back is performed through a FIFO to the final destination on the
AHB. If the FIFO is full, the CPU is stalled until FIFO space is available. A non-buffered write
will impose an immediate delay to the CPU, but results in a direct write to the final AHB
destination, ensuring data coherency. Read operations from AHB locations are always direct
and never buffered.
6.2
System (AHB) and peripheral (APB) buses
The CPU will access SRAM, higher-speed peripherals (USB, Ethernet, Programmable
DMA), and the external bus (EMI) on the AHB at their respective base addresses indicated
in Figure 9. Lower-speed peripherals reside on the APB and are accessed using two
separate AHB-to-APB bridge units (APB0 and APB1). These bridge units are essentially
address windows connecting the AHB to the APB. To access an individual APB peripheral,
the CPU will place an address on the AHB bus equal to the base address of the appropriate
bridge unit APB0 or APB1, plus the offset of the particular peripheral, plus the offset of the
individual data location within the peripheral. Figure 9 shows the base addresses of bridge
units APB0 and APB1, and also the base address of each APB peripheral. Please consult
the STR91xFA Reference manual for the address of data locations within each individual
peripheral.
6.3
SRAM
The SRAM is aliased at three separate address ranges as shown in Figure 9. When the
CPU accesses SRAM starting at 0x0400.0000, the SRAM appears on the D-TCM. When
CPU access starts at 0x4000.0000, SRAM appears in the buffered AHB range. Beginning at
CPU address 0x5000.0000, SRAM is in non-buffered AHB range. The SRAM size must be
specified by CPU intitialization firmware writing to a control register after any reset condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com