Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR911FAM32H6T Datasheet(PDF) 54 Page - STMicroelectronics

Part # STR911FAM32H6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR911FAM32H6T Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STR911FAM32H6T Datasheet HTML 50Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 51Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 52Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 53Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 54Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 55Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 56Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 57Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 99 page
background image
Memory mapping
STR91xFAx32 STR91xFAx42 STR91xFAx44
54/99
Default SRAM size is 32K bytes, with option to set to 64K bytes on STR91xFAx3x devices,
and to 96K bytes on STR91xFAx4x devices.
When other AHB bus masters (such as a DMA controller) write to SRAM, their access is
never buffered. Only the CPU can make use of buffered AHB writes.
6.4
Two independent Flash memories
The STR91xFA has two independent Flash memories, the larger primary Flash and the
small secondary Flash. It is possible for the CPU to erase/write to one of these Flash
memories while simultaneously reading from the other.
One or the other of these two Flash memories may reside at the “boot” address position of
0x0000.0000 at power-up or at reset as shown in Figure 9. The default configuration is that
the first sector of primary Flash memory is enabled and residing at the boot position, and the
secondary Flash memory is disabled. This default condition may be optionally changed as
described below.
6.4.1
Default configuration
When the primary Flash resides at boot position, typical CPU initialization firmware would
set the start address and size of the main Flash memory, and go on to enable the secondary
Flash, define it’s start address and size. Most commonly, firmware would place the
secondary Flash start address at the location just after the end of the primary Flash
memory. In this case, the primary Flash is used for code storage, and the smaller secondary
flash can be used for data storage (EEPROM emulation).
6.4.2
Optional configuration
Using the STR91xFA device configuration software tool, or IDE from 3rd party, one can
specify that the smaller secondary Flash memory is at the boot location at reset and the
primary Flash is disabled. The selection of which Flash memory is at the boot location is
programmed in a non-volatile Flash-based configuration bit during JTAG ISP. The boot
selection choice will remain as the default until the bit is erased and re-written by the JTAG
interface. The CPU cannot change this choice for boot Flash, only the JTAG interface has
access.
In this case where the secondary Flash defaults to the boot location upon reset, CPU
firmware would typically initialize the Flash memories the following way. The secondary
Flash start address and size is specified, then the primary Flash is enabled and its start
address and size is specified. The primary Flash start address would typically be located
just after the final address location of the secondary Flash. This configuration is particularly
well-suited for In-Application-Programming (IAP). The CPU would boot from the secondary
Flash memory, initialize the system, then check the contents of the primary Flash memory
(by checksum or other means). If the contents of primary Flash is OK, then CPU execution
continues from either Flash memory. If the main Flash contents are incorrect, the CPU,
while executing code from the secondary Flash, can download new data from any
STR91xFA communication channel and program into primary Flash memory. Application
code then starts after the new contents of primary Flash are verified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com