Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR911FAM32H6T Datasheet(PDF) 59 Page - STMicroelectronics

Part # STR911FAM32H6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR911FAM32H6T Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STR911FAM32H6T Datasheet HTML 55Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 56Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 57Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 58Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 59Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 60Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 61Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 62Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 99 page
background image
STR91xFAx32 STR91xFAx42 STR91xFAx44
Electrical characteristics
59/99
Table 11.
Current characteristics
Symbol
Ratings
Maximum
value
Unit
IVDD_IO
(1)
1.
The user can use GPIOs to source or sink current. In this case, the user must ensure that these absolute
max. values are not exceeded (taking into account the RUN power consumption).
Total current into VDD_IO power lines (source)
(2)
2.
All 3.3 V or 5.0 V power (VDD_IO, VDDA_ADC, VDDA_PLL) and ground (VSS_IO, VSSA_ADC, VDDA_ADC) pins
must always be connected to the external 3.3V or 5.0V supply.
200
mA
IVSS_IO
(1)
Total current out of VSS ground lines (sink)
(2)
200
IIO
Output current sunk by any I/O and control pin
25
Output current source by any I/Os and control pin
- 25
IINJ(PIN)
(3)
3.
IINJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum
cannot be respected, the injection current must be limited externally to the IINJ(PIN) value. A positive
injection is induced by VIN>VDD while a negative injection is induced by VIN<VSS.
Injected current on any pin during overload condition(4)
4.
When several inputs are submitted to a current injection, the maximum
ΣIINJ(PIN) is the absolute sum of the
positive and negative injected currents (instantaneous values). These results are based on
characterization with
ΣIINJ(PIN) maximum current injection on four I/O port pins of the device.
± 5
mA
ΣIINJ(PIN)(3)
Absolute sum of all input currents during overload condition
(4)
± 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com