Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR911FAM32H6T Datasheet(PDF) 72 Page - STMicroelectronics

Part # STR911FAM32H6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR911FAM32H6T Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STR911FAM32H6T Datasheet HTML 68Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 69Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 70Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 71Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 72Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 73Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 74Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 75Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 99 page
background image
Electrical characteristics
STR91xFAx32 STR91xFAx42 STR91xFAx44
72/99
7.10
I/O characteristics
VDDQ = 2.7 - 3.6V, VDD = 1.65 - 2V, TA = -40 / 85 °C unless otherwise specified.
Table 30.
I/O characteristics
Symbol
Parameter
Test conditions
Value
Unit
Min
Typ
Max
VIH
Input High Level
General inputs(1)
2.0
(2)
V
RESET and TCK inputs(1)
0.8VDDQ
TAMPER_IN input(3)
VDDQ/2
VIL
Input Low Level
General inputs(1)
0.8
RESET and TCK inputs(1)
0.2VDDQ
TAMPER_IN input(3)
VDDQ/2
VHYS
Input Hysteresis
Schmitt Trigger
General inputs(4)
0.4
V
VOH
Output High Level
High current pins
I/O ports 3 and 6:
Push-Pull, IOH = 8mA
VDDQ-0.7
V
Output High Level
Standard current pins
I/O ports 0,1,2,4,5,7,8,9:
Push-Pull, IOH = 4mA
VDDQ-0.7
Output High Level
JTAG JTDO pin
IOH= -100 µA
VDDQ-0.1
VOL
Output Low Level
High current pins
I/O ports 3 and 6:
Push-Pull, IOL = 8mA
0.4
V
Output Low Level
Standard current pins
I/O ports 0,1,2,4,5,7,8,9:
Push-Pull, IOL = 4mA
0.4
Output Low Level
JTAG JTDO pin
IOL=100 µA
0.1
1.
Guaranteed by characterization, not tested in production.
2.
Input pins are 5V tolerant, max input voltage is 5.5V
3.
Guaranteed by design, not tested in production.
4.
TAMPER_IN pin has no built-in hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com