Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR911FAM32H6T Datasheet(PDF) 69 Page - STMicroelectronics

Part # STR911FAM32H6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR911FAM32H6T Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STR911FAM32H6T Datasheet HTML 65Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 66Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 67Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 68Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 69Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 70Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 71Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 72Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 99 page
background image
STR91xFAx32 STR91xFAx42 STR91xFAx44
Electrical characteristics
69/99
7.9
EMC characteristics
Susceptibility tests are performed on a sample basis during product characterization.
7.9.1
Functional EMS (electro magnetic susceptibility)
Based on a simple running application on the product (toggling 2 LEDs through I/O ports),
the product is stressed by two electro magnetic events until a failure occurs (indicated by the
LEDs).
●
ESD: Electro-Static Discharge (positive and negative) is applied on all pins of the
device until a functional disturbance occurs. This test conforms with the IEC 1000-4-2
standard.
●
FTB: A Burst of Fast Transient voltage (positive and negative) is applied to VDD, VDDQ
and VSS through a 100pF capacitor, until a functional disturbance occurs. This test
conforms with the IEC 1000-4-4 standard.
A device reset allows normal operations to be resumed.
7.9.2
Electro magnetic interference (EMI)
Based on a simple application running on the product (toggling 2 LEDs through the I/O
ports), the product is monitored in terms of emission. This emission test is in line with the
norm SAE J 1752/3 which specifies the board and the loading of each pin.
Table 26.
EMS data
Symbol
Parameter
Conditions
Severity/
Criteria(1)
Unit
VFESD
Voltage limits to be applied on
any I/O pin to induce a functional
disturbance
VDD=1.8V, VDDQ=3.3V, TA=+25°C,
fOSC/fCPUCLK =4 MHz/96MHz PLL
1B
kV
VFFTB
Fast transient voltage burst limits
to be applied through 100pF on
VDD and VDDQ pins to induce a
functional disturbance
VDD=1.8V, VDDQ=3.3V, TA=+25°C,
fOSC/fCPUCLK =4 MHz/96 MHz PLL
conforms to IEC 1000-4-4
4A
1.
Data based on characterization results, not tested in production.
Table 27.
EMI data
Symbo
l
Parameter
Conditions
Monitored
Frequency Band
Max vs.
[fOSC/fCPUCLK]
Unit
24 MHz /
48 MHz(1)
24 MHz /
96 MHz(1)
SEMI
Peak level
VDDQ=3.3V, VDD=1.8V,
TA=+25°C,
LQFP128 package(2)
conforming to SAE J
1752/3
0.1MHz to 30 MHz
14
10
dB
µV
30 MHz to 130
MHz
18
19
130 MHz to 1GHz
18
22
SAE EMI Level
4
4
-
1.
Data based on characterization results, not tested in production.
2.
BGA and LQFP devices have similar EMI characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com