Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR911FAM32H6T Datasheet(PDF) 26 Page - STMicroelectronics

Part # STR911FAM32H6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR911FAM32H6T Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STR911FAM32H6T Datasheet HTML 22Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 23Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 24Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 25Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 26Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 27Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 28Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 29Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 99 page
background image
Functional overview
STR91xFAx32 STR91xFAx42 STR91xFAx44
26/99
by firmware as a watchdog, this timer will cause a system reset if firmware fails to
periodically reload this timer before the terminal count of 0x0000 occurs, ensuring firmware
sanity. The watchdog function is off by default after a reset and must be enabled by
firmware.
3.13.4
External RESET_INn pin
This input signal is active-low with hystereses (VRHYS). Other open-drain, active-low system
reset signals on the circuit board (such as closure to ground from a push-button) may be
connected directly to the RESET_INn pin, but an external pull-up resistor to VDDQ must be
present as there is no internal pullup on the RESET_INn pin.
A valid active-low input signal of tRINMIN duration on the RESET_INn pin will cause a system
reset within the STR91xFA. There is also a RESET_OUTn pin on the STR91xFA that can
drive other system components on the circuit board. RESET_OUTn is active-low and has
the same timing of the Power-On-Reset (POR) shown next, tPOR.
3.13.5
Power-up
The LVD circuitry will always generate a global reset when the STR91xFA powers up,
meaning internal reset is active until VDDQ and VDD are both above the LVD thresholds. This
POR condition has a duration of tPOR, after which the CPU will fetch its first instruction from
address 0x0000.0000 in Flash memory. It is not possible for the CPU to boot from any other
source other than Flash memory.
3.13.6
JTAG debug command
When the STR91xFA is in JTAG debug mode, an external device which controls the JTAG
interface can command a system reset to the STR91xFA over the JTAG channel.
3.13.7
Tamper detection
On 128-pin and 144-ball STR91xFA devices only, there is a tamper detect input pin,
TAMPER_IN, used to detect and record the time of a tamper event on the end product such
as malicious opening of an enclosure, unwanted opening of a panel, etc. The activation
mode of the tamper pin is programmable to one of two modes. One is Normally
Closed/Tamper Open, the other mode will detect when a signal on the tamper input pin is
driven from low-to-high, or high-to-low depending on firmware configuration. Once a tamper
event occurs, the RTC time (millisecond resolution) and the date are recorded in the RTC
unit. Simultaneously, the SRAM standby voltage source will be cut off to invalidate all SRAM
contents. Tamper detection control and status logic are part of the RTC unit.
3.14
Real-time clock (RTC)
The RTC combines the functions of a complete time-of-day clock (millisecond resolution)
with an alarm programmable up to one month, a 9999-year calender with leap-year support,
periodic interrupt generation from 1 to 512 Hz, tamper detection (described in
Section 3.13.7), and an optional clock calibration output on the JRTCK pin. The time is in 24
hour mode, and time/calendar values are stored in binary-coded decimal format.
The RTC also provides a self-isolation mode that is automatically activated during power
down. This feature allows the RTC to continue operation when VDDQ and VDD are absent,
as long as an alternate power source, such as a battery, is connected to the VBATT input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com