Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR911FAM32H6T Datasheet(PDF) 32 Page - STMicroelectronics

Part # STR911FAM32H6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR911FAM32H6T Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STR911FAM32H6T Datasheet HTML 28Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 29Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 30Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 31Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 32Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 33Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 34Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 35Page - STMicroelectronics STR911FAM32H6T Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 99 page
background image
Functional overview
STR91xFAx32 STR91xFAx42 STR91xFAx44
32/99
and the Message SRAM, handling of transmission requests, and interrupt generation. The
CPU has access to the Message SRAM via the Message Handler using a set of 38 control
registers.
The follow features are supported by the CAN interface:
●
Bitrates up to 1 Mbps
●
Disable Automatic Retransmission mode for Time Triggered CAN applications
●
32 Message Objects
●
Each Message Object has its own Identifier Mask
●
Programmable FIFO mode
●
Programmable loopback mode for self-test operation
The CAN interface is not supported by DMA.
3.20
UART interfaces with DMA
The STR91xFA supports three independent UART serial interfaces, designated UART0,
UART1, and UART2. Each interface is very similar to the industry-standard 16C550 UART
device. All three UART channels support IrDA encoding/decoding, requiring only an external
LED transceiver to pins UARTx_RX and UARTx_Tx for communication. One UART channel
(UART0) supports full modem control signals.
UART interfaces include the following features:
●
Maximum baud rate of 1.5 Mbps
●
Separate FIFOs for transmit and receive, each 16 deep, each FIFO can be disabled by
firmware if desired
●
Programmable FIFO trigger levels between 1/8 and 7/8
●
Programmable baud rate generator based on CCU master clock, or CCU master clock
divided by two
●
Programmable serial data lengths of 5, 6, 7, or 8 bits with start bit and 1 or 2 stop bits
●
Programmable selection of even, odd, or no-parity bit generation and detection
●
False start-bit detection
●
Line break generation and detection
●
Support of IrDA SIR ENDEC functions for data rates of up to 115.2K bps
●
IrDA bit duration selection of 3/16 or low-power (1.14 to 2.23 µsec)
●
Channel UART0 supports modem control functions CTS, DCD, DSR, RTS, DTR, and
RI
For your reference, only two standard 16550 UART features are not supported, 1.5 stop bits
and independent receive clock.
3.20.1
DMA
A programmable DMA channel may be assigned by CPU firmware to service channels
UART0 and UART1 for fast and direct transfers between the UART bus and SRAM with little
CPU involvement. Both DMA single-transfers and DMA burst-transfers are supported for
transmit and receive. Burst transfers require that UART FIFOs are enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com