Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F207ICH7 Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32F207ICH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207ICH7 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32F207ICH7 Datasheet HTML 97Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 98Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 99Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 100Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 101Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 102Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 103Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 104Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 184 page
background image
DocID15818 Rev 15
101/184
STM32F20xxx
Electrical characteristics
183
Table 40. Flash memory endurance and data retention
6.3.13
EMC characteristics
Susceptibility tests are performed on a sample basis during device characterization.
Functional EMS (electromagnetic susceptibility)
While a simple application is executed on the device (toggling 2 LEDs through I/O ports).
the device is stressed by two electromagnetic events until a failure occurs. The failure is
indicated by the LEDs:
•
Electrostatic discharge (ESD) (positive and negative) is applied to all device pins until
a functional disturbance occurs. This test is compliant with the IEC 61000-4-2 standard.
•
FTB: A burst of fast transient voltage (positive and negative) is applied to VDD and VSS
through a 100 pF capacitor, until a functional disturbance occurs. This test is compliant
with the IEC 61000-4-4 standard.
A device reset allows normal operations to be resumed.
Table 39. Flash memory programming with VPP
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1)
1. Guaranteed by design, not tested in production.
Unit
tprog
Double word programming
TA = 0 to +40 °C
VDD = 3.3 V
VPP = 8.5 V
-16
100(2)
2. The maximum programming time is measured after 100K erase operations.
µs
tERASE16KB Sector (16 KB) erase time
-
230
-
ms
tERASE64KB Sector (64 KB) erase time
-
490
-
tERASE128KB Sector (128 KB) erase time
-
875
-
tME
Mass erase time
-
6.9
-
s
Vprog
Programming voltage
-
2.7
-
3.6
V
VPP
VPP voltage range
-
7
-
9
V
IPP
Minimum current sunk on
the VPP pin
-10
-
-
mA
tVPP(3)
3. VPP should only be connected during programming/erasing.
Cumulative time during
which VPP is applied
-
-
-
1
hour
Symbol
Parameter
Conditions
Value
Unit
Min(1)
1. Guaranteed by characterization results, not tested in production.
NEND
Endurance
TA = –40 to +85 °C (6 suffix versions)
TA = –40 to +105 °C (7 suffix versions)
10
kcycles
tRET
Data retention
1 kcycle(2) at TA = 85 °C
2. Cycling performed over the whole temperature range.
30
Years
1 kcycle(2) at TA = 105 °C
10
10 kcycles(2) at TA = 55 °C
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com