Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F207ICH7 Datasheet(PDF) 115 Page - STMicroelectronics

Part # STM32F207ICH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207ICH7 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button STM32F207ICH7 Datasheet HTML 111Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 112Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 113Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 114Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 115Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 116Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 117Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 118Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 184 page
background image
DocID15818 Rev 15
115/184
STM32F20xxx
Electrical characteristics
183
I2S - SPI interface characteristics
Unless otherwise specified, the parameters given in Table 54 for SPI or in Table 55 for I2S
are derived from tests performed under the ambient temperature, fPCLKx frequency and VDD
supply voltage conditions summarized in Table 14.
Refer to Section 6.3.16: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, SCK, MOSI, MISO for SPI and WS, CK, SD for I2S).
Table 54. SPI characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
fSCK
1/tc(SCK)
SPI clock frequency
SPI1 master/slave mode
-
30
MHz
SPI2/SPI3 master/slave mode
-
15
tr(SCL)
tf(SCL)
SPI clock rise and fall
time
Capacitive load: C = 30 pF,
fPCLK = 30 MHz
-
8
ns
DuCy(SCK)
SPI slave input clock
duty cycle
Slave mode
30
70
%
tsu(NSS)(1)
1. Guaranteed by characterization results, not tested in production.
NSS setup time
Slave mode
4tPCLK
-
ns
th(NSS)(1)
NSS hold time
Slave mode
2tPCLK
-
tw(SCLH)(1)
tw(SCLL)(1)
SCK high and low time
Master mode, fPCLK = 30 MHz,
presc = 2
tPCLK-3tPCLK+3
tsu(MI) (1)
tsu(SI)(1)
Data input setup time
Master mode
5
-
Slave mode
5
-
th(MI) (1)
th(SI)(1)
Data input hold time
Master mode
5
-
Slave mode
4
-
ta(SO)(1)(2)
2. Min time is for the minimum time to drive the output and the max time is for the maximum time to validate
the data.
Data output access
time
Slave mode, fPCLK = 30 MHz
0
3tPCLK
tdis(SO)(1)(3)
3. Min time is for the minimum time to invalidate the output and the max time is for the maximum time to put
the data in Hi-Z
Data output disable
time
Slave mode
2
10
tv(SO) (1)
Data output valid time Slave mode (after enable edge)
-
25
tv(MO)(1)
Data output valid time Master mode (after enable edge)
-
5
th(SO)(1)
Data output hold time
Slave mode (after enable edge)
15
-
th(MO)(1)
Master mode (after enable edge)
2
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com