Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F207ICH7 Datasheet(PDF) 121 Page - STMicroelectronics

Part # STM32F207ICH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207ICH7 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button STM32F207ICH7 Datasheet HTML 117Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 118Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 119Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 120Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 121Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 122Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 123Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 124Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 184 page
background image
DocID15818 Rev 15
121/184
STM32F20xxx
Electrical characteristics
183
Figure 47. USB OTG FS timings: definition of data signal rise and fall time
USB HS characteristics
Table 59 shows the USB HS operating voltage.
Table 58. USB OTG FS electrical characteristics(1)
1. Guaranteed by design, not tested in production.
Driver characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
tr
Rise time(2)
2. Measured from 10% to 90% of the data signal. For more detailed informations, refer to USB Specification -
Chapter 7 (version 2.0).
CL = 50 pF
420
ns
tf
Fall time(2)
CL = 50 pF
4
20
ns
trfm
Rise/fall time matching
tr/tf
90
110
%
VCRS
Output signal crossover voltage
-
1.3
2.0
V
Table 59. USB HS DC electrical characteristics
Symbol
Parameter
Min(1)
1. All the voltages are measured from the local ground potential.
Max(1)
Unit
Input level
VDD
USB OTG HS operating voltage
2.7
3.6
V
Table 60. Clock timing parameters
Parameter(1)
1. Guaranteed by design, not tested in production.
Symbol
Min
Nominal
Max
Unit
Frequency (first transition)
8-bit ±10%
FSTART_8BIT
54
60
66
MHz
Frequency (steady state) ±500 ppm
FSTEADY
59.97
60
60.03
MHz
Duty cycle (first transition)
8-bit ±10%
DSTART_8BIT
40
50
60
%
Duty cycle (steady state) ±500 ppm
DSTEADY
49.975
50
50.025
%
Time to reach the steady state frequency and
duty cycle after the first transition
TSTEADY
--
1.4
ms
Clock startup time after the
de-assertion of SuspendM
Peripheral
TSTART_DEV
--
5.6
ms
Host
TSTART_HOST
--
-
PHY preparation time after the first transition
of the input clock
TPREP
--
-
µs
ai14137
tf
Differen tial
Data L ines
VSS
VCRS
tr
Crossover
points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com