Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32F207ICH7 Datasheet(PDF) 130 Page - STMicroelectronics

Part # STM32F207ICH7
Description  ARM®-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F207ICH7 Datasheet(HTML) 130 Page - STMicroelectronics

Back Button STM32F207ICH7 Datasheet HTML 126Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 127Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 128Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 129Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 130Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 131Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 132Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 133Page - STMicroelectronics STM32F207ICH7 Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 184 page
background image
Electrical characteristics
STM32F20xxx
130/184
DocID15818 Rev 15
DAC_OUT
min(2)
Lower DAC_OUT voltage
with buffer OFF
-0.5
-
mV
It gives the maximum output excursion
of the DAC.
DAC_OUT
max(2)
Higher DAC_OUT voltage
with buffer OFF
--
VREF+ – 1LSB
V
IVREF+(4)
DAC DC VREF current
consumption in quiescent
mode (Standby mode)
-
170
240
µA
With no load, worst code (0x800) at
VREF+ = 3.6 V in terms of DC
consumption on the inputs
-50
75
With no load, worst code (0xF1C) at
VREF+ = 3.6 V in terms of DC
consumption on the inputs
IDDA(4)
DAC DC VDDA current
consumption in quiescent
mode(3)
-
280
380
µA
With no load, middle code (0x800) on
the inputs
-
475
625
µA
With no load, worst code (0xF1C) at
VREF+ = 3.6 V in terms of DC
consumption on the inputs
DNL(4)
Differential non linearity
Difference between two
consecutive code-1LSB)
--
±0.5
LSB
Given for the DAC in 10-bit
configuration.
--
±2
LSB
Given for the DAC in 12-bit
configuration.
INL(4)
Integral non linearity
(difference between
measured value at Code i
and the value at Code i on
a line drawn between
Code 0 and last Code
1023)
--
±1
LSB
Given for the DAC in 10-bit
configuration.
--
±4
LSB
Given for the DAC in 12-bit
configuration.
Offset(4)
Offset error
(difference between
measured value at Code
(0x800) and the ideal
value = VREF+/2)
--
±10
mV
-
--
±3
LSB
Given for the DAC in 10-bit at VREF+ =
3.6 V
--
±12
LSB
Given for the DAC in 12-bit at VREF+ =
3.6 V
Gain
error(4)
Gain error
-
-
±0.5
%
Given for the DAC in 12-bit
configuration
tSETTLING(4)
Settling time (full scale: for
a 10-bit input code
transition between the
lowest and the highest
input codes when
DAC_OUT reaches final
value ±4LSB
-3
6
µs
CLOAD ≤ 50 pF,
RLOAD ≥ 5 kΩ
THD(4)
Total Harmonic Distortion
Buffer ON
--
-
dB
CLOAD ≤ 50 pF,
RLOAD ≥ 5 kΩ
Table 68. DAC characteristics (continued)
Symbol
Parameter
Min
Typ
Max
Unit
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com