Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1451AMDREP Datasheet(PDF) 17 Page - Texas Instruments

Part # TL1451AMDREP
Description  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL1451AMDREP Datasheet(HTML) 17 Page - Texas Instruments

Back Button TL1451AMDREP Datasheet HTML 13Page - Texas Instruments TL1451AMDREP Datasheet HTML 14Page - Texas Instruments TL1451AMDREP Datasheet HTML 15Page - Texas Instruments TL1451AMDREP Datasheet HTML 16Page - Texas Instruments TL1451AMDREP Datasheet HTML 17Page - Texas Instruments TL1451AMDREP Datasheet HTML 18Page - Texas Instruments TL1451AMDREP Datasheet HTML 19Page - Texas Instruments TL1451AMDREP Datasheet HTML 20Page - Texas Instruments TL1451AMDREP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
www.ti.com
VO(ref) −0.01
VO(ref) −0.02
VO(ref) −0.03
VO(ref) −0.04
VO(ref) −0.05
VO(ref) −0.06
VO(ref) −0.07
1
0.9
0.8
0.7
0.6
0.5
−25
0
25
50
75
100
TA − Free-Air Temperature − °C
Maximum Output Voltage
Swing (Right Scale)
Maximum Output
Voltage Swing (Right Scale)
+
−
RL
100 k
Ω
Vvom − 1
33 k
Ω
33 k
Ω
VCC = 3.6 V
RL = 100 kΩ
VOM+1 = 1.25 V
VOM −1 = 1.15 V (Right Scale)
VOM −1 = 1.35 V (Left Scale)
Vref
TEST CIRCUIT
1
0.5
0
0
10
20
2
30
40
1.5
VCC − Supply Voltage − V
TA = 25°C
1.75
1.25
0.75
0.25
50
60
90
100
0
0.5
1
1.5
2
2.5
3
30
10
Dead-Time Input Voltage − V
0
3.5
4
70
20
40
80
VCC = 3.6 V
RT = 10kΩ
CT = 330 pF
TL1451A-EP
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS614 – DECEMBER 2005
TYPICAL CHARACTERISTICS (continued)
Figure 24. Maximum Output Voltage Swing vs Free-Air Temperature
Figure 25. Output Transistor On Duty Cycle
Figure 26. Standby Current vs Supply Voltage
vs Dead-Time Input Voltage
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com