Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1451AMDREP Datasheet(PDF) 1 Page - Texas Instruments

Part # TL1451AMDREP
Description  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL1451AMDREP Datasheet(HTML) 1 Page - Texas Instruments

  TL1451AMDREP Datasheet HTML 1Page - Texas Instruments TL1451AMDREP Datasheet HTML 2Page - Texas Instruments TL1451AMDREP Datasheet HTML 3Page - Texas Instruments TL1451AMDREP Datasheet HTML 4Page - Texas Instruments TL1451AMDREP Datasheet HTML 5Page - Texas Instruments TL1451AMDREP Datasheet HTML 6Page - Texas Instruments TL1451AMDREP Datasheet HTML 7Page - Texas Instruments TL1451AMDREP Datasheet HTML 8Page - Texas Instruments TL1451AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CT
RT
Error
1IN +
Amplifier 1
1IN −
1FEEDBACK
1DTC
1OUT
GND
REF
SCP
2IN +
Error
2IN −
Amplifier 2
2FEEDBACK
2DTC
2OUT
VCC
D PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
TL1451A-EP
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS614 – DECEMBER 2005
•
Controlled Baseline
•
Variable Dead Time Provides Control Over
Total Range
– One Assembly/Test Site, One Fabrication
Site
•
Internal Regulator Provides a Stable 2.5-V
Reference Supply
•
Enhanced Diminishing Manufacturing
Sources (DMS) Support
•
Enhanced Product-Change Notification
•
Qualification Pedigree (1)
•
Complete Pulse-Width Modulation (PWM)
Power-Control Circuitry
•
Completely Synchronized Operation
•
Internal Undervoltage Lockout Protection
•
Wide Supply-Voltage Range
•
Internal Short-Circuit Protection
•
Oscillator Frequency . . . 500 kHz Max
(1)
Component qualification in accordance with JEDEC and
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
life. Such qualification testing should not be viewed as
justifying use of this component beyond specified
performance and environmental limits.
The TL1451A-EP incorporates on a single monolithic chip all the functions required in the construction of two
pulse-width modulation (PWM) control circuits. Designed primarily for power-supply control, the TL1451A-EP
contains an on-chip 2.5-V regulator, two error amplifiers, an adjustable oscillator, two dead-time comparators,
undervoltage lockout circuitry, and dual common-emitter output transistor circuits.
The uncommitted output transistors provide common-emitter output capability for each controller. The internal
amplifiers exhibit a common-mode voltage range from 1.04 V to 1.45 V. The dead-time control (DTC) comparator
has no offset unless externally altered and can provide 0% to 100% dead time. The on-chip oscillator can be
operated by terminating RT and CT. During low VCC conditions, the undervoltage lockout control circuit feature
locks the outputs off until the internal circuitry is operational.
The TL1451A-EP is characterized for operation from –55
°C to 125°C.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–55
°C to 125°C
SOIC – D
Tape and reel
TL1451AMDREP
TL1451EPG4
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
On products compliant to MIL-PRF-38535, all parameters are
Instruments standard warranty. Production processing does not
tested unless otherwise noted. On all other products, production
necessarily include testing of all parameters.
processing does not necessarily include testing of all parameters.


Similar Part No. - TL1451AMDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1451AMDREP TI1-TL1451AMDREP Datasheet
673Kb / 25P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL1451AMDREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1451A TI-TL1451A Datasheet
425Kb / 29P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Unisonic Technologies
UTCTL1451 UTC-UTCTL1451 Datasheet
127Kb / 5P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451 UTC-TL1451_05 Datasheet
254Kb / 14P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451 UTC-TL1451_08 Datasheet
305Kb / 14P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451A-Q1 TI1-TL1451A-Q1 Datasheet
392Kb / 24P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Unisonic Technologies
TL1451 UTC-TL1451_15 Datasheet
404Kb / 14P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL1451A TI-TL1451A_15 Datasheet
1Mb / 36P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-EP TI-TL1451A-EP_15 Datasheet
574Kb / 26P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451A-Q1 TI-TL1451A-Q1_15 Datasheet
893Kb / 26P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451AC TI1-TL1451AC Datasheet
494Kb / 21P
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com