Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1451AMDREP Datasheet(PDF) 3 Page - Texas Instruments

Part # TL1451AMDREP
Description  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL1451AMDREP Datasheet(HTML) 3 Page - Texas Instruments

  TL1451AMDREP Datasheet HTML 1Page - Texas Instruments TL1451AMDREP Datasheet HTML 2Page - Texas Instruments TL1451AMDREP Datasheet HTML 3Page - Texas Instruments TL1451AMDREP Datasheet HTML 4Page - Texas Instruments TL1451AMDREP Datasheet HTML 5Page - Texas Instruments TL1451AMDREP Datasheet HTML 6Page - Texas Instruments TL1451AMDREP Datasheet HTML 7Page - Texas Instruments TL1451AMDREP Datasheet HTML 8Page - Texas Instruments TL1451AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
www.ti.com
Recommended Operating Conditions
Reference Section Electrical Characteristics
TL1451A-EP
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS614 – DECEMBER 2005
Dissipation Ratings
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
TA = 125°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
POWER RATING
D
1088 mW
8.7 mW/
°C
696 mW
566 mW
218 mW
MIN
MAX
UNIT
VCC
Supply voltage
3.6
50
V
VI
Amplifier input voltage
1.05
1.45
V
VO
Collector output voltage
50
V
IO
Collector output current
20
mA
Current into feedback terminal
45
µA
RF
Feedback resistor
100
k
Ω
CT
Timing capacitor
150
15000
pF
RT
Timing resistor
5.1
100
k
Ω
Oscillator frequency
1
500
kHz
TA
Operating free-air temperature
M suffix
–55
125
°C
over recommended operating free-air temperature range, V
CC = 6 V, f = 200 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
TA = 25°C
2.4
2.5
2.6
Output voltage (pin 16)
IO = 1 mA
V
TA = MIN and 125°C
2.35
2.46
2.65
Output voltage change with temperature
–0.63%
±4%(2)
TA = 25°C
2
12.5
Input voltage regulation
VCC = 3.6 V to 40 V
TA = 125°C
0.7
15
mV
TA = MIN
0.3
30
TA = 25°C
1
7.5
Output voltage regulation
IO = 0.1 mA to 1 mA
TA = 125°C
0.3
14
mV
TA = MIN
0.3
20
Short-circuit output current
VO = 0
3
10
30
mA
(1)
All typical values are at TA = 25°C, unless otherwise indicated.
(2)
These parameters are not production tested.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com