Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1451AMDREP Datasheet(PDF) 5 Page - Texas Instruments

Part # TL1451AMDREP
Description  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL1451AMDREP Datasheet(HTML) 5 Page - Texas Instruments

  TL1451AMDREP Datasheet HTML 1Page - Texas Instruments TL1451AMDREP Datasheet HTML 2Page - Texas Instruments TL1451AMDREP Datasheet HTML 3Page - Texas Instruments TL1451AMDREP Datasheet HTML 4Page - Texas Instruments TL1451AMDREP Datasheet HTML 5Page - Texas Instruments TL1451AMDREP Datasheet HTML 6Page - Texas Instruments TL1451AMDREP Datasheet HTML 7Page - Texas Instruments TL1451AMDREP Datasheet HTML 8Page - Texas Instruments TL1451AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.ti.com
Dead-Time Control Section Electrical Characteristics
Error-Amplifier Section Electrical Characteristics
TL1451A-EP
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS614 – DECEMBER 2005
over recommended operating free-air temperature range, V
CC = 6 V, f = 200 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
TA = 25°C
1
Input bias current (DTC)
µA
TA = MIN and 125°C
3
Latch mode (source) current (DTC)
–80
–145
µA
TA = 25°C
2.3
Latched input voltage (DTC)
TA = 125°C
2.22
2.32
V
TA = MIN
2.28
2.4
Zero duty cycle
2.05
2.25(2)
Input threshold voltage at f = 10 kHz (DTC)
V
Maximum duty cycle
1.2(2)
1.45
(1)
All typical values are at TA = 25°C, unless otherwise indicated.
(2)
These parameters are not production tested.
over recommended operating free-air temperature range, V
CC = 6 V, f = 200 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
TA = 25°C
±7
Input offset voltage
VO (FEEDBACK) = 1.25 V
TA = 125°C
±10
mV
TA = MIN
±12
TA = 25°C
±100
Input offset current
VO (FEEDBACK) = 1.25 V
TA = 125°C
±100
nA
TA = MIN
±200
TA = 25°C
160
500
Input bias current
VO (FEEDBACK) = 1.25 V
TA = 125°C
100
500
nA
TA = MIN
142
700
Common-mode input voltage range
VCC = 3.6 V to 40 V
1.05 to 1.45
V
TA = 25°C
70
80
Open-loop voltage amplification
RF = 200 kΩ
TA = 125°C
70
80
dB
TA = MIN
64
80
Unity-gain bandwidth
1.5
MHz
Common-mode rejection ratio
60
80
dB
Positive output voltage swing
2
V
Negative output voltage swing
1
V
TA = 25°C
0.5
1.6
Output (sink) current (FEEDBACK)
VID = –0.1 V, VO = 1.25 V
TA = 125°C
0.4
1.8
mA
TA = MIN
0.3
1.7
TA = 25°C
–45
–70
Output (source) current (FEEDBACK)
VID = 0.1 V, VO = 1.25 V
TA = 125°C
–25
–50
µA
TA = MIN
–15
–70
(1)
All typical values are at TA = 25°C, unless otherwise indicated.
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com