Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1451AMDREP Datasheet(PDF) 2 Page - Texas Instruments

Part # TL1451AMDREP
Description  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL1451AMDREP Datasheet(HTML) 2 Page - Texas Instruments

  TL1451AMDREP Datasheet HTML 1Page - Texas Instruments TL1451AMDREP Datasheet HTML 2Page - Texas Instruments TL1451AMDREP Datasheet HTML 3Page - Texas Instruments TL1451AMDREP Datasheet HTML 4Page - Texas Instruments TL1451AMDREP Datasheet HTML 5Page - Texas Instruments TL1451AMDREP Datasheet HTML 6Page - Texas Instruments TL1451AMDREP Datasheet HTML 7Page - Texas Instruments TL1451AMDREP Datasheet HTML 8Page - Texas Instruments TL1451AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
www.ti.com
+
−
+
−
Oscillator
Reference
Voltage
1/2 Vref
R
S
170 k
Ω
UVLO
R
9
2
1
VCC RT
CT
10
16
7
8
REF
GND
PWM
COMP
PWM
Comparator
12 k
Ω
11
14
13
12
5
15
3
4
6
2DTC
2IN +
2IN −
2 FEEDBACK
1 FEEDBACK
SCP
1IN +
1IN −
1DTC
Error
Amplifier 2
Error
Amplifier 1
1OUT
2OUT
COMPONENT COUNT
Resistors
Capacitors
Transistors
JFETs
65
8
105
18
Absolute Maximum Ratings
(1)
TL1451A-EP
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS614 – DECEMBER 2005
FUNCTIONAL BLOCK DIAGRAM
over operating free-air temperature range
MIN
MAX
UNIT
VCC
Supply voltage
51
V
VI
Amplifier input voltage
20
V
VO
Collector output voltage
51
V
IO
Collector output current
21
mA
Continuous power total dissipation
See Dissipation Rating Table
TA
Operating free-air temperature range
M suffix
–55
125
°C
Tstg
Storage temperature range
–65
150
°C
Lead temperature
1,6 mm (1/16 in) from case for 10 s
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com