Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1451AMDREP Datasheet(PDF) 6 Page - Texas Instruments

Part # TL1451AMDREP
Description  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL1451AMDREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL1451AMDREP Datasheet HTML 2Page - Texas Instruments TL1451AMDREP Datasheet HTML 3Page - Texas Instruments TL1451AMDREP Datasheet HTML 4Page - Texas Instruments TL1451AMDREP Datasheet HTML 5Page - Texas Instruments TL1451AMDREP Datasheet HTML 6Page - Texas Instruments TL1451AMDREP Datasheet HTML 7Page - Texas Instruments TL1451AMDREP Datasheet HTML 8Page - Texas Instruments TL1451AMDREP Datasheet HTML 9Page - Texas Instruments TL1451AMDREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
www.ti.com
Output Section Electrical Characteristics
PWM Comparator Section Electrical Characteristics
Total Device Electrical Characteristics
TL1451A-EP
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS614 – DECEMBER 2005
over recommended operating free-air temperature range, V
CC = 6 V, f = 200 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Collector off-state current
VO = 50 V
10
µA
TA = 25°C
1.2
2
Output saturation voltage
TA = 125°C
1.6
2.4
V
TA = MIN
1.36
2.2
Short-circuit output current
VO = 6 V
90
mA
(1)
All typical values are at TA = 25°C, unless otherwise indicated.
over recommended operating free-air temperature range, V
CC = 6 V, f = 200 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Zero duty cycle
2.05
2.25(2)
Input threshold voltage at f = 10 kHz (FEEDBACK)
V
Maximum duty cycle
1.2(2)
1.45
(1)
All typical values are at TA = 25°C, unless otherwise indicated.
(2)
These parameters are not production tested.
over recommended operating free-air temperature range, V
CC = 6 V, f = 200 kHz (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
Standby supply current
Off-state
1.3
1.8
mA
Average supply current
RT = 10 kΩ
1.7
2.4
mA
(1)
All typical values are at TA = 25°C, unless otherwise indicated.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com