Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1451AMDREP Datasheet(PDF) 13 Page - Texas Instruments

Part # TL1451AMDREP
Description  DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL1451AMDREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TL1451AMDREP Datasheet HTML 9Page - Texas Instruments TL1451AMDREP Datasheet HTML 10Page - Texas Instruments TL1451AMDREP Datasheet HTML 11Page - Texas Instruments TL1451AMDREP Datasheet HTML 12Page - Texas Instruments TL1451AMDREP Datasheet HTML 13Page - Texas Instruments TL1451AMDREP Datasheet HTML 14Page - Texas Instruments TL1451AMDREP Datasheet HTML 15Page - Texas Instruments TL1451AMDREP Datasheet HTML 16Page - Texas Instruments TL1451AMDREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
www.ti.com
47 pF
470 pF
4700 pF
CX:
Phase Shift
(Right Scale)
Closed-Loop Gain
(Left Scale)
VCC = 5 V
Rref = 150 Ω
Cref = 470 pF
TA = 25°C
50
30
20
0
70
40
100
1 k
10 k
100 k
1 M
60
f − Frequency − Hz
10
0
°
−10
°
−20
°
−30
°
−40
°
−50
°
−60
°
−70
°
−80
°
−90
°
Cx
Rref
Cref
Vref
39 k
Ω
39 k
Ω
+
−
Test Circuit
TL1451A-EP
DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
SLVS614 – DECEMBER 2005
TYPICAL CHARACTERISTICS (continued)
Figure 19. Closed-Loop Gain and Phase Shift vs Frequency
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com