Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M65KG256AB Datasheet(PDF) 6 Page - STMicroelectronics

Part # M65KG256AB
Description  256Mbit (4 Banks x 4M x 16) 1.8V Supply, 133MHz Clock Rate, DDR Low Power SDRAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG256AB Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M65KG256AB Datasheet HTML 2Page - STMicroelectronics M65KG256AB Datasheet HTML 3Page - STMicroelectronics M65KG256AB Datasheet HTML 4Page - STMicroelectronics M65KG256AB Datasheet HTML 5Page - STMicroelectronics M65KG256AB Datasheet HTML 6Page - STMicroelectronics M65KG256AB Datasheet HTML 7Page - STMicroelectronics M65KG256AB Datasheet HTML 8Page - STMicroelectronics M65KG256AB Datasheet HTML 9Page - STMicroelectronics M65KG256AB Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
1 Summary description
M65KG256AB
6/51
1
Summary description
The M65KG256AB is a 256Mbit Double Data Rate (DDR) Low Power Synchronous DRAM
(LPSDRAM). The memory array is organized as 4 Banks of 4,194,304 Words of 16 bits each.
The device achieves low power consumption and very high-speed data transfer using the 2-bit
prefetch pipeline architecture that allows doubling the data input/output rate. Command and
address inputs are synchronized with the rising edge of the clock while data inputs/outputs are
transferred on both edges of the system clock. The M65KG256AB is well suited for handheld
battery powered applications like PDAs, 2.5 and 3G mobile phones and handheld computers.
The device architecture is illustrated in Figure 2: Functional Block Diagram. It uses Burst mode
to read and write data. It is capable of two, four, eight or sixteen-Word, sequential and
interleaved burst.
To minimize current consumption during self refresh operations, the M65KG256AB includes
three mechanisms configured via the Extended Mode Register:
●
Automatic Temperature Compensated Self Refresh (ATCSR) adapts the refresh frequency
according to the operating temperature provided by a built-in temperature sensor.
●
Partial Array Self Refresh (PASR) performs a limited refresh of a half bank, a quarter of
bank, one bank, two banks or all banks.
●
The Deep Power-Down (DPD) mode completely halts the refresh operation and achieves
minimum current consumption by cutting off the supply voltage from the whole memory
array.
The device is programmable through two registers, the Mode Register and the Extended Mode
Register:
●
The Mode Register is used to select the CAS Latency, the Burst Type (sequential,
interleaved) and the Burst Length. For more details, refer to Table 7: Mode Register
Definition, and to 3.1: Mode Register Set command (MRS) in Section 3: Commands.
●
Partial Array Self Refresh (PASR) performs a limited refresh of a half bank, a quarter of
bank, one bank, two banks or all banks.
●
The Extended Mode Register is used to configure the low-power features (PASR, ATCSR
and Driver Strength) to reduce the current consumption during the Self Refresh
operations. For more details, refer to Table 8: Extended Mode Register Definition, and to
Section 3.2: Extended Mode Register Set command (EMRS) in Section 3: Commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com