Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M65KG256AB Datasheet(PDF) 32 Page - STMicroelectronics

Part # M65KG256AB
Description  256Mbit (4 Banks x 4M x 16) 1.8V Supply, 133MHz Clock Rate, DDR Low Power SDRAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG256AB Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M65KG256AB Datasheet HTML 28Page - STMicroelectronics M65KG256AB Datasheet HTML 29Page - STMicroelectronics M65KG256AB Datasheet HTML 30Page - STMicroelectronics M65KG256AB Datasheet HTML 31Page - STMicroelectronics M65KG256AB Datasheet HTML 32Page - STMicroelectronics M65KG256AB Datasheet HTML 33Page - STMicroelectronics M65KG256AB Datasheet HTML 34Page - STMicroelectronics M65KG256AB Datasheet HTML 35Page - STMicroelectronics M65KG256AB Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
7 DC and AC parameters
M65KG256AB
32/51
Figure 8.
Read followed by Read in a Different Bank
1.
If the consecutive Read operation targets an active row, the second READ command must be issued after a minimum
delay of tCK to interrupt the previous Read operation.
2.
If the consecutive Read operation targets an idle row, precharge the bank (PRE) without interrupting the previous Read
operation. tRP after the PRE command, issue the ACT command. The consecutive READ command can be issued tRCD
after the ACT command.
Figure 9.
Read with Auto Precharge
ACT
ACT
NOP
Command
K
K
DOA0 DOA1
UDQS/
LDQS
DQ0-DQ15
DOB0 DOB1
ai11206
Note: 1. Burst Length = 4
2. CAS Latency = 3
Row 0
Address
BA0-BA1
NOP
Row 1
DOB2
Bank A
Active
Read from
Bank A
Data Read from
Bank A
Data Read from
Bank D
DOB3
READ
READ
NOP
Column A Column B
Bank D
Active
Read from
Bank D
Read from
Column A
Read from
Column B
tRCD
ACT
READA
NOP
Command
K
K
DO0 DO1
UDQS, LDQS
DQ0-DQ15
DO2 DO3
ai10586
Note: Burst Length = 2
tRCD
ACT
tRPD
tRAS
tRP (min)
tAC
tDQSCK
Start of
Internal
Auto Precharge cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com