Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M65KG256AB Datasheet(PDF) 1 Page - STMicroelectronics

Part # M65KG256AB
Description  256Mbit (4 Banks x 4M x 16) 1.8V Supply, 133MHz Clock Rate, DDR Low Power SDRAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG256AB Datasheet(HTML) 1 Page - STMicroelectronics

  M65KG256AB Datasheet HTML 1Page - STMicroelectronics M65KG256AB Datasheet HTML 2Page - STMicroelectronics M65KG256AB Datasheet HTML 3Page - STMicroelectronics M65KG256AB Datasheet HTML 4Page - STMicroelectronics M65KG256AB Datasheet HTML 5Page - STMicroelectronics M65KG256AB Datasheet HTML 6Page - STMicroelectronics M65KG256AB Datasheet HTML 7Page - STMicroelectronics M65KG256AB Datasheet HTML 8Page - STMicroelectronics M65KG256AB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
PRELIMINARY DATA
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
February 2006
Rev 1.0
1/51
1
M65KG256AB
256Mbit (4 Banks x 4M x 16)
1.8V Supply, 133MHz Clock Rate, DDR Low Power SDRAM
Features summary
■ 256Mbit SYNCHRONOUS DYNAMIC RAM
– Organized as 4 Banks of 4MWords, each
16 bits wide
■ DOUBLE DATA RATE (DDR)
– 2 Data Transfers/Clock Cycle
– Data Rate: 266Mbit/s (max.)
■ SUPPLY VOLTAGE
–VDD = 1.7 to 1.9V (1.8V typical in
accordance with JEDEC standard)
–VDDQ = 1.7 to 1.9V for Inputs/Outputs
■ SYNCHRONOUS BURST READ AND WRITE
– Fixed Burst Lengths: 2, 4, 8, 16 Words
– Burst Types: Sequential and Interleaved.
– Clock Frequency: 133MHz (7.5ns speed
class)
– Clock Valid to Output Delay (CAS Latency):
3 at 133MHz
– Burst Read Control by Burst Read
Terminate and Precharge Commands
■ AUTOMATIC PRECHARGE
■ BYTE WRITE CONTROLLED BY LDQM AND
UDQM
■ LOW-POWER FEATURES:
– Partial Array Self Refresh (PASR)
– Automatic Temperature Compensated Self
Refresh (ATCSR)
– Driver Strength (DS)
– Deep Power-Down Mode
– Auto Refresh and Self Refresh
■ LVCMOS Interface Compatible with
Multiplexed Addressing
■ OPERATING TEMPERATURE
– - 30 to 85°C
The M65KG256AB is only available as part of a multi-chip package Product.
Wafer
www.st.com


Similar Part No. - M65KG256AB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M65KG512AB STMICROELECTRONICS-M65KG512AB Datasheet
482Kb / 54P
512Mbit (4 banks x 8 Mb x 16) 1.8 V supply, DDR low power SDRAM
01-Feb-2007
M65KG512AB6W8 STMICROELECTRONICS-M65KG512AB6W8 Datasheet
482Kb / 54P
512Mbit (4 banks x 8 Mb x 16) 1.8 V supply, DDR low power SDRAM
01-Feb-2007
M65KG512AB6W9 STMICROELECTRONICS-M65KG512AB6W9 Datasheet
482Kb / 54P
512Mbit (4 banks x 8 Mb x 16) 1.8 V supply, DDR low power SDRAM
01-Feb-2007
M65KG512AB8W8 STMICROELECTRONICS-M65KG512AB8W8 Datasheet
482Kb / 54P
512Mbit (4 banks x 8 Mb x 16) 1.8 V supply, DDR low power SDRAM
01-Feb-2007
M65KG512AB8W9 STMICROELECTRONICS-M65KG512AB8W9 Datasheet
482Kb / 54P
512Mbit (4 banks x 8 Mb x 16) 1.8 V supply, DDR low power SDRAM
01-Feb-2007
More results

Similar Description - M65KG256AB

ManufacturerPart #DatasheetDescription
logo
Winbond
W942516CH WINBOND-W942516CH Datasheet
2Mb / 47P
4M X 4 BANKS X 16 BIT DDR SDRAM
logo
Integrated Circuit Solu...
IC43R16160 ICSI-IC43R16160 Datasheet
1Mb / 56P
4M x 16 Bit x 4 Banks (256-MBIT) DDR SDRAM
logo
Winbond
W942516AH WINBOND-W942516AH Datasheet
286Kb / 26P
4M x 4 BANKS x 16 BIT DDR SDRAM
logo
Elite Semiconductor Mem...
M13S2561616A ESMT-M13S2561616A Datasheet
1Mb / 48P
4M x 16 Bit x 4 Banks Double Data Rate SDRAM
logo
Winbond
W9425G6DH WINBOND-W9425G6DH Datasheet
1Mb / 53P
4M X 4 BANKS X 16 BITS DDR SDRAM
logo
Samsung semiconductor
K4S561632C SAMSUNG-K4S561632C Datasheet
116Kb / 11P
256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M13S2561616A ESMT-M13S2561616A_09 Datasheet
1Mb / 49P
4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M13S2561616A ESMT-M13S2561616A_1 Datasheet
1Mb / 49P
4M x 16 Bit x 4 Banks Double Data Rate SDRAM
M14D2561616A ESMT-M14D2561616A Datasheet
979Kb / 59P
4M x 16 Bit x 4 Banks DDR II SDRAM
logo
Samsung semiconductor
K4S561632D-TC75000 SAMSUNG-K4S561632D-TC75000 Datasheet
64Kb / 11P
256Mbit SDRAM 4M x 16bit x 4 Banks Synchronous DRAM LVTTL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com