Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M65KG256AB Datasheet(PDF) 8 Page - STMicroelectronics

Part # M65KG256AB
Description  256Mbit (4 Banks x 4M x 16) 1.8V Supply, 133MHz Clock Rate, DDR Low Power SDRAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG256AB Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M65KG256AB Datasheet HTML 4Page - STMicroelectronics M65KG256AB Datasheet HTML 5Page - STMicroelectronics M65KG256AB Datasheet HTML 6Page - STMicroelectronics M65KG256AB Datasheet HTML 7Page - STMicroelectronics M65KG256AB Datasheet HTML 8Page - STMicroelectronics M65KG256AB Datasheet HTML 9Page - STMicroelectronics M65KG256AB Datasheet HTML 10Page - STMicroelectronics M65KG256AB Datasheet HTML 11Page - STMicroelectronics M65KG256AB Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
1 Summary description
M65KG256AB
8/51
Figure 2.
Functional Block Diagram
Extended
Mode
Register
TCSR, PASR
Self Refresh
Logic & Timer
Internal Row
Counter
Row
Pre-
Decoders
K
KE
E
RAS
CAS
W
UDQM/LDQM
Refresh
Column
Active
Bank Select
Address
Registers
4 Mb x 16 Bank D
4 Mb x 16 Bank C
4 Mb x 16 Bank B
4 Mb x 16 Bank A
Memory
Cell
Array
Column Decoders
DQ0
DQ15
Column
Pre-
Decoders
A0
A12
BA1
BA0
Column Add
Counter
Mode
Register
CAS Latency
Data Out
Control
Burst
Counter
ai10242
Row
Active
K
UDQS/LDQS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com