Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M65KG256AB Datasheet(PDF) 41 Page - STMicroelectronics

Part # M65KG256AB
Description  256Mbit (4 Banks x 4M x 16) 1.8V Supply, 133MHz Clock Rate, DDR Low Power SDRAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG256AB Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M65KG256AB Datasheet HTML 37Page - STMicroelectronics M65KG256AB Datasheet HTML 38Page - STMicroelectronics M65KG256AB Datasheet HTML 39Page - STMicroelectronics M65KG256AB Datasheet HTML 40Page - STMicroelectronics M65KG256AB Datasheet HTML 41Page - STMicroelectronics M65KG256AB Datasheet HTML 42Page - STMicroelectronics M65KG256AB Datasheet HTML 43Page - STMicroelectronics M65KG256AB Datasheet HTML 44Page - STMicroelectronics M65KG256AB Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
M65KG256AB
7 DC and AC parameters
41/51
Figure 20.
Read followed by Write using the Burst Read Terminate Command (BST)
1.
If the Write operation is performed to the same bank and row than the Read operation, the Burst Read Terminate command
(BST) must be issued to terminate the Read operation.The WRIT command can then be issued tBSTW (ŠtBSTW) after the
BST command.
2.
If the Write operation is performed to the same bank but to a different row, the bank must be precharged to interrupt the
Read operation. tRP after the Precharge command, issue the ACT command. The WRIT command can then be issued tRCD
after the ACT command.
3.
If the Write operation is performed to a different bank and to an active row, the sequence is identical to the one described in
Note 1
4.
If the Write operation is performed to a different bank and to an idle row, the bank must be precharged independently from
the Read operation. tRP after the Precharge command, issue the ACT command. The WRIT command can then be issued
tRCD after the ACT command.
Command
K
K
DO1
UDQS,
LDQS
DQ0-DQ15
READ
BST
NOP
t0
t1
t2
t3
t4
t5
tBSTZ (
≥tBSTZ)
DO0
ai11209
t6
t7
t8
WRIT
NOP
Note: 1. Burst Length = 4
2. CAS Latency = 3 (CL)
UDQM,
LDQM
DI0 DI1 DI2 DI3
tBSTZ ( = CL)
Data Output
Data Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com