Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10DL065CIVS/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # ADC10DL065CIVS/NOPB
Description  ADC10DL065 Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC10DL065CIVS/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  ADC10DL065CIVS/NOPB Datasheet HTML 1Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 2Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 3Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 4Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
ADC10DL065
VINB-
VINB+
AGND
AGND
AGND
VREF
VRNB
VRPB
VRMB
VA
VINA-
VINA+
MULTIPLEX
VRNA
VRPA
VRMA
DA4
DA5
ABb
VD
DB1
DB2
DB3
DR GND
DA6
DA7
DA8
DA9
VD
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
13
48
47
46
45
44
43
42
41
40
39
38
37
35
34
33
36
OEB
NC
DB0
ADC10DL065
SNAS314B – JUNE 2006 – REVISED APRIL 2013
www.ti.com
Connection Diagram
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: ADC10DL065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com