Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10DL065CIVS/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # ADC10DL065CIVS/NOPB
Description  ADC10DL065 Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC10DL065CIVS/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC10DL065CIVS/NOPB Datasheet HTML 3Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 4Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 9Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 10Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
VA
AGND
To Internal Circuitry
I/O
ADC10DL065
www.ti.com
SNAS314B – JUNE 2006 – REVISED APRIL 2013
Converter Electrical Characteristics
(1) (2) (3)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +3.3V, VDR =
+2.5V, PD = 0V, External VREF = +1.0V, fCLK = 65 MHz, fIN = 10 MHz, CL = 15 pF/pin, Duty Cycle Stabilizer On, parallel output
mode. Boldface limits apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
Typical
Limits
Units
Symbol
Parameter
Conditions
(4)
(4)
(Limits)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
10
Bits (min)
INL
Integral Non Linearity(5)
±0.25
±1
LSB (max)
DNL
Differential Non Linearity
±0.16
±0.65
LSB (max)
PGE
Positive Gain Error
±0.1
±3.3
%FS (max)
NGE
Negative Gain Error
±0.2
±3.5
%FS (max)
TC GE
Gain Error Tempco
−40°C ≤ TA ≤ +85°C
10
ppm/°C
VOFF
Offset Error (VIN+ = VIN−)
0.1
±0.85
%FS (max)
TC VOFF
Offset Error Tempco
−40°C ≤ TA ≤ +85°C
6
ppm/°C
Under Range Output Code
0
0
Over Range Output Code
1023
1023
REFERENCE AND ANALOG INPUT CHARACTERISTICS
0.5
V (min)
VCM
Common Mode Input Voltage
1.5
2.0
V (max)
VRMA,
Reference Output Voltage
Output load = 1 mA
1.5
V
VRMB
(CLK LOW)
8
pF
CIN
VIN Input Capacitance (each pin to GND)
VIN = 2.5 Vdc + 0.7 Vrms
(CLK HIGH)
7
pF
0.8
V (min)
VREF
External Reference Voltage(6)
1.00
1.2
V (max)
Reference Input Resistance
1
M
Ω (min)
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per Note 3 under the Absolute Maximum Ratings. However, errors in the A/D conversion can occur if the input goes
above VA or below GND by more than 100 mV. As an example, if VA is +3.3V, the full-scale input voltage must be ≤+3.4V to ensure
accurate conversions.
(2)
To ensure accuracy, it is required that |VA–VD| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
(3)
With the test condition for VREF = +1.0V (2VP-P differential input), the 10-bit LSB is 1.95 mV.
(4)
Typical figures are at TA = 25°C, and represent most likely parametric norms at the time of characterization. The typical specifications
are not ensured.
(5)
Integral Non Linearity is defined as the deviation of the analog value, expressed in LSBs, from the straight line that passes through
positive and negative full-scale.
(6)
Optimum performance will be obtained by keeping the reference input in the 0.8V to 1.2V range. The LM4051CIM3-ADJ (SOT-23
package) is recommended for external reference applications.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC10DL065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com