Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10DL065CIVS/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # ADC10DL065CIVS/NOPB
Description  ADC10DL065 Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC10DL065CIVS/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  ADC10DL065CIVS/NOPB Datasheet HTML 1Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 2Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 3Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 4Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
VDR
DR GND
AGND
VA
VD
DGND
AGND
VA
VD
DGND
AGND
VA
ADC10DL065
www.ti.com
SNAS314B – JUNE 2006 – REVISED APRIL 2013
Pin Descriptions and Equivalent Circuits (continued)
Pin No.
Symbol
Equivalent Circuit
Description
DIGITAL I/O
Digital clock input. The range of frequencies for this input is as
60
CLK
specified in the electrical tables with specified performance at 65
MHz. The input is sampled on the rising edge.
OEA and OEB are the output enable pins that, when low, holds their
22
OEA
respective data output pins in the active state. When either of these
41
OEB
pins is high, the corresponding outputs are in a high impedance
state.
PD is the Power Down input pin. When high, this input puts the
59
PD
converter into the power down mode. When this pin is low, the
converter is in the active mode.
When low, "A" & "B" data is present on it's respective data output
lines (Parallel Mode).
11
MULTIPLEX
When high, both "A" and "B" channel data is present on the
"DA0:DA9" digital outputs (Multiplex Mode). The ABb pin is used to
synchronize the data.
26–29
Digital data output pins that make up the 10-bit conversion results of
DA0–DA9
34–39
their respective converters. DA0 and DB0 are the LSBs, while DA9
and DB9 are the MSBs of the output word. Output levels are
44–47
DB0–DB9
TTL/CMOS compatible. Optimum loading is < 10pF.
52–57
When MULTIPLEX is low, this pin is not used.
When MULTIPLEX is high this is the ABb signal, which is used to
42
ABb
synchronize the multiplexed data. ABb changes synchronously with
the Multiplexed "A" and "B" channels. ABb is "high" when "A"
channel data is valid and is "low" when "B" channel data is valid.
24, 25, 43
NC
No Connect
ANALOG POWER
Positive analog supply pins. These pins should be connected to a
9, 18, 19, 62,
VA
quiet +3.3V source and bypassed to AGND with 0.1 µF capacitors
63
located within 1 cm of these power pins, and with a 10 µF capacitor.
3, 8, 10, 17,
AGND
The ground return for the analog supply.
20, 61, 64
DIGITAL POWER
Positive digital supply pin. This pin should be connected to the same
quiet +3.3V source as is VA and be bypassed to DGND with a 0.1 µF
33, 48
VD
capacitor located within 1 cm of the power pin and with a 10 µF
capacitor.
32, 49
DGND
The ground return for the digital supply.
Positive driver supply pin for the ADC10DL065's output drivers. This
pin should be connected to a voltage source of +2.4V to VD and be
bypassed to DR GND with a 0.1 µF capacitor. If the supply for this
30, 51
VDR
pin is different from the supply used for VA and VD, it should also be
bypassed with a 10 µF capacitor. VDR should never exceed the
voltage on VD. All 0.1 µF bypass capacitors should be located within
1 cm of the supply pin.
The ground return for the digital supply for the ADC10DL065's output
drivers. These pins should be connected to the system digital
23, 31, 40,
DR GND
ground, but not be connected in close proximity to the
50, 58
ADC10DL065's DGND or AGND pins. See Layout and Grounding for
more details.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC10DL065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com