Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10DL065CIVS/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Part # ADC10DL065CIVS/NOPB
Description  ADC10DL065 Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC10DL065CIVS/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADC10DL065CIVS/NOPB Datasheet HTML 24Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 25Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 26Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 27Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 28Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 29Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 30Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 31Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Clock line should be short
and cross no other lines.
Single Ground entry for all
Reference
Components
All Analog Components
mounted over
Analog
area of Ground
Plane
Xfmr/Amplifier
Components
mounted over
Digital area of
Digital power line should be routed
away from analog power trace.
COMMON
GROUND
PLANE
Ground entry points
close to ground pins.
Analog power line should be routed
away from Digital power trace.
Driving
source
located close
to converter.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
V
D
DB3
DB2
DB1
DB0
OEB
DR GND
DA9
DA8
DA7
DA6
V
D
DA4
DA5
VIN B-
VIN B+
AGND
V
RMB
V
RPB
V
RNB
V
REF
AGND
V
A
AGND
INT/EXT REF
V
RNA
V
RPA
V
RMA
VIN A+
VIN A-
ADC10DL065
All Digital
Ground
Plane
4 x 100:
6 x 100:
OSC
LATCH
LATCH
ABb
NC
ADC10DL065
SNAS314B – JUNE 2006 – REVISED APRIL 2013
www.ti.com
Figure 39. Example of a Suitable Layout
DYNAMIC PERFORMANCE
To achieve the best dynamic performance, the clock source driving the CLK input must be free of jitter. Isolate
the ADC clock from any digital circuitry with buffers, as with the clock tree shown in Figure 40. The gates used in
the clock tree must be capable of operating at frequencies much higher than those used if added jitter is to be
prevented.
Best performance will be obtained with a differential input drive, compared with a single-ended drive, as
discussed in Single-Ended Operation and Driving the Analog Inputs.
As mentioned in LAYOUT AND GROUNDING, it is good practice to keep the ADC clock line as short as possible
and to keep it well away from any other signals. Other signals can introduce jitter into the clock signal, which can
lead to reduced SNR performance, and the clock can introduce noise into other lines. Even lines with 90°
crossings have capacitive coupling, so try to avoid even these 90° crossings of the clock line.
Figure 40. Isolating the ADC Clock from other Circuitry with a Clock Tree
28
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: ADC10DL065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com