Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10DL065CIVS/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # ADC10DL065CIVS/NOPB
Description  ADC10DL065 Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC10DL065CIVS/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC10DL065CIVS/NOPB Datasheet HTML 4Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 9Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 10Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 11Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
VA
AGND
To Internal Circuitry
I/O
ADC10DL065
SNAS314B – JUNE 2006 – REVISED APRIL 2013
www.ti.com
Converter Electrical Characteristics (continued)
(1) (2) (3)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +3.3V,
VDR = +2.5V, PD = 0V, External VREF = +1.0V, fCLK = 65 MHz, fIN = 10 MHz, CL = 15 pF/pin, Duty Cycle Stabilizer On, parallel
output mode. Boldface limits apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
Typical
Limits
Units
Symbol
Parameter
Conditions
(4)
(4)
(Limits)
DYNAMIC CONVERTER CHARACTERISTICS
FPBW
Full Power Bandwidth
0 dBFS Input, Output at
−3 dB
250
MHz
fIN = 1 MHz, VIN = −0.5 dBFS
61
dBc
SNR
Signal-to-Noise Ratio
fIN = 10 MHz, VIN = −0.5 dBFS
61
60
dBc (min)
fIN = 32.5 MHz, VIN = −0.5 dBFS
60.9
59.5
dBc (min)
fIN = 1 MHz, VIN = −0.5 dBFS
60.9
dBc
SINAD
Signal-to-Noise and Distortion
fIN = 10 MHz, VIN = −0.5 dBFS
60.9
59.8
dBc (min)
fIN = 32.5 MHz, VIN = −0.5 dBFS
60.8
59
dBc (min)
fIN = 1 MHz, VIN = −0.5 dBFS
9.8
Bits
ENOB
Effective Number of Bits
fIN = 10 MHz, VIN = −0.5 dBFS
9.8
9.64
Bits (min)
fIN = 32.5 MHz, VIN = −0.5 dBFS
9.8
9.5
Bits (min)
fIN = 1 MHz, VIN = −0.5 dBFS
−84
dBc
THD
Total Harmonic Distortion
fIN = 10 MHz, VIN = −0.5 dBFS
−83
-75
dBc (min)
fIN = 32.5 MHz, VIN = −0.5 dBFS
−81
-73.5
dBc (min)
fIN = 1 MHz, VIN = −0.5 dBFS
−93
dBc
H2
Second Harmonic Distortion
fIN = 10 MHz, VIN = −0.5 dBFS
−92
-79
dBc (min)
fIN = 32.5 MHz, VIN = −0.5 dBFS
−92
-77.6
dBc (min)
fIN = 1 MHz, VIN = −0.5 dBFS
−89
dBc
H3
Third Harmonic Distortion
fIN = 10 MHz, VIN = −0.5 dBFS
−89
-77
dBc (min)
fIN = 32.5 MHz, VIN = −0.5 dBFS
−82
-74
dBc (min)
fIN = 1 MHz, VIN = −0.5 dBFS
86
dBc
SFDR
Spurious Free Dynamic Range
fIN = 10 MHz, VIN = −0.5 dBFS
85
77
dBc (min)
fIN = 32.5 MHz, VIN = −0.5 dBFS
82
74
dBc (min)
fIN = 9.6 MHz and 10.2 MHz, each = −7.0
IMD
Intermodulation Distortion
−66
dBFS
dBFS
INTER-CHANNEL CHARACTERISTICS
Channel—Channel Offset Match
±0.3
%FS
Channel—Channel Gain Match
±4
%FS
10 MHz Tested, Channel;
Crosstalk
90
dB
32.5 MHz Other Channel
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per Note 3 under the Absolute Maximum Ratings. However, errors in the A/D conversion can occur if the input goes
above VA or below GND by more than 100 mV. As an example, if VA is +3.3V, the full-scale input voltage must be ≤+3.4V to ensure
accurate conversions.
(2)
To ensure accuracy, it is required that |VA–VD| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
(3)
With the test condition for VREF = +1.0V (2VP-P differential input), the 10-bit LSB is 1.95 mV.
(4)
Typical figures are at TA = 25°C, and represent most likely parametric norms at the time of characterization. The typical specifications
are not ensured.
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: ADC10DL065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com