Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10DL065CIVS/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC10DL065CIVS/NOPB
Description  ADC10DL065 Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC10DL065CIVS/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  ADC10DL065CIVS/NOPB Datasheet HTML 1Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 2Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 3Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 4Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
ADC10DL065
www.ti.com
SNAS314B – JUNE 2006 – REVISED APRIL 2013
ADC10DL065 Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
Check for Samples: ADC10DL065
1
FEATURES
DESCRIPTION
The ADC10DL065 is a dual, low power monolithic
2
•
Single +3.3V Supply Operation
CMOS
analog-to-digital
converter
capable
of
•
Internal Sample-and-Hold
converting analog input signals into 10-bit digital
•
Internal Reference
words at 65 Megasamples per second (MSPS). This
converter uses a differential, pipeline architecture with
•
Outputs 2.4V to 3.6V Compatible
digital error correction and an on-chip sample-and-
•
Power Down Mode
hold circuit to minimize power consumption while
•
Duty Cycle Stabilizer
providing excellent dynamic performance and a 250
MHz Full Power Bandwidth. Operating on a single
•
Multiplexed Output Mode
+3.3V power supply, the ADC10DL065 achieves 9.8
effective bits at nyquist and consumes just 370 mW
KEY SPECIFICATIONS
at 65 MSPS, including the reference current. The
•
Resolution 10 Bits
Power Down feature reduces power consumption to
36 mW.
•
DNL ±0.16 LSB (typ)
•
SNR (fIN = 10 MHz) 61 dB (typ)
The differential inputs provide a full scale differential
input swing equal to 2 times VREF with the possibility
•
SFDR (fIN = 10 MHz) 85 dB (typ)
of a single-ended input. Full use of the differential
•
Data Latency 7 Clock Cycles
input is recommended for optimum performance. The
•
Power Consumption
digital outputs from the two ADC's are available on a
single multiplexed 10-bit bus or on separate buses.
–
Operating 370 mW (typ)
Duty cycle stabilization and output data format are
–
Power Down Mode 36 mW (typ)
selectable using a quad state function pin. The output
data can be set for offset binary or two's complement.
APPLICATIONS
To ease interfacing to lower voltage systems, the
•
Ultrasound and Imaging
digital output driver power pins of the ADC10DL065
•
Instrumentation
can be connected to a separate supply voltage in the
range of 2.4V to the analog supply voltage. This
•
Communications Receivers
device is available in the 64-lead TQFP package and
•
Sonar/Radar
will operate over the industrial temperature range of
•
xDSL
−40°C to +85°C. An evaluation board is available to
ease the evaluation process.
•
DSP Front Ends
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC10DL065CIVS/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10DL065CIVS/NOPB TI1-ADC10DL065CIVS/NOPB Datasheet
821Kb / 34P
Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
More results

Similar Description - ADC10DL065CIVS/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12DL065 NSC-ADC12DL065 Datasheet
1Mb / 26P
Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
logo
Analog Devices
AD9216 AD-AD9216 Datasheet
287Kb / 20P
10-Bit, 65/80/105 MSPS Dual A/D Converter
logo
National Semiconductor ...
ADC10DL065 NSC-ADC10DL065 Datasheet
1Mb / 26P
Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
logo
Hittite Microwave Corpo...
HMCAD1040-80 HITTITE-HMCAD1040-80 Datasheet
923Kb / 14P
Dual 10-Bit 65/80 MSPS A/D Converter
logo
Texas Instruments
ADC12DL065 TI1-ADC12DL065_14 Datasheet
868Kb / 34P
Dual 12-Bit, 65 MSPS, 3.3V, 360mW A/D Converter
ADC10DL065 TI1-ADC10DL065_14 Datasheet
818Kb / 34P
ADC10DL065 Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
ADC10065 TI1-ADC10065_14 Datasheet
1Mb / 27P
10-Bit 65 MSPS 3V A/D Converter
logo
Analog Devices
AD9216 AD-AD9216_15 Datasheet
2Mb / 40P
10-Bit, 65/80/105 MSPS Dual A/D Converter
REV. A
logo
Texas Instruments
ADC10DL065 TI1-ADC10DL065_15 Datasheet
821Kb / 34P
Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
logo
Analog Devices
AD9216 AD-AD9216_17 Datasheet
1Mb / 41P
10-Bit, 65/80/105 MSPS Dual A/D Converter
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com