Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC10DL065CIVS/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # ADC10DL065CIVS/NOPB
Description  ADC10DL065 Dual 10-Bit, 65 MSPS, 3.3V, 370mW A/D Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC10DL065CIVS/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADC10DL065CIVS/NOPB Datasheet HTML 5Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 6Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 7Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 8Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 9Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 10Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 11Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 12Page - Texas Instruments ADC10DL065CIVS/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
VA
AGND
To Internal Circuitry
I/O
ADC10DL065
www.ti.com
SNAS314B – JUNE 2006 – REVISED APRIL 2013
DC and Logic Electrical Characteristics
(1) (2) (3)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, VA = VD = +3.3V,
VDR = +2.5V, PD = 0V, External VREF = +1.0V, fCLK = 65 MHz, fIN = 10 MHz, CL = 15 pF/pin, Duty Cycle Stabilizer On, parallel
output mode. Boldface limits apply for TJ = TMIN to TMAX: all other limits TJ = 25°C
Typical
Limits
Units
Symbol
Parameter
Conditions
(4)
(4)
(Limits)
CLK, PD, OEA, OEB DIGITAL INPUT CHARACTERISTICS
VIN(1)
Logical “1” Input Voltage
VD = 3.6V
2.0
V (min)
VIN(0)
Logical “0” Input Voltage
VD = 3.0V
1.0
V (max)
IIN(1)
Logical “1” Input Current
VIN = 3.3V
10
µA
IIN(0)
Logical “0” Input Current
VIN = 0V
−10
µA
CIN
Digital Input Capacitance
5
pF
DA0–DA11, DB0-DB11 DIGITAL OUTPUT CHARACTERISTICS
VDR = 2.5V
2.3
V (min)
VOUT(1)
Logical “1” Output Voltage
IOUT = −0.5 mA
VDR = 3V
2.7
V (min)
VOUT(0)
Logical “0” Output Voltage
IOUT = 1.6 mA, VDR = 3V
0.4
V (max)
VOUT = 2.5V or 3.3V
100
nA
IOZ
TRI-STATE Output Current
VOUT = 0V
−100
nA
+ISC
Output Short Circuit Source Current
VOUT = 0V
−20
mA
−ISC
Output Short Circuit Sink Current
VOUT = VDR
20
mA
COUT
Digital Output Capacitance
5
pF
POWER SUPPLY CHARACTERISTICS
PD Pin = DGND, VREF = VA
93.7
111
mA (max)
IA
Analog Supply Current
PD Pin = VD
12
mA
PD Pin = DGND
18.5
20.5
mA (max)
ID
Digital Supply Current
PD Pin = VD , fCLK = 0
0
mA
PD Pin = DGND, CL = 10 pF
(5)
15
mA
IDR
Digital Output Supply Current
PD Pin = VD, fCLK = 0
0
mA
PD Pin = DGND, CL = 10 pF
(6)
370
434
mW (max)
Total Power Consumption
PD Pin = VD
36
mW
Rejection of Full-Scale Error with
PSRR1
Power Supply Rejection Ratio
58
dB
VA =3.0V vs. 3.6V
(1)
The inputs are protected as shown below. Input voltage magnitudes above VA or below GND will not damage this device, provided
current is limited per Note 3 under the Absolute Maximum Ratings. However, errors in the A/D conversion can occur if the input goes
above VA or below GND by more than 100 mV. As an example, if VA is +3.3V, the full-scale input voltage must be ≤+3.4V to ensure
accurate conversions.
(2)
To ensure accuracy, it is required that |VA–VD| ≤ 100 mV and separate bypass capacitors are used at each power supply pin.
(3)
With the test condition for VREF = +1.0V (2VP-P differential input), the 10-bit LSB is 1.95 mV.
(4)
Typical figures are at TA = 25°C, and represent most likely parametric norms at the time of characterization. The typical specifications
are not ensured.
(5)
IDR is the current consumed by the switching of the output drivers and is primarily determined by load capacitance on the output pins,
the supply voltage, VDR, and the rate at which the outputs are switching (which is signal dependent). IDR=VDR(C0 x f0 + C1 x f1 +....C9 x
f9) where VDR is the output driver power supply voltage, Cn is total capacitance on the output pin, and fn is the average frequency at
which that pin is toggling.
(6)
Excludes IDR. See Note 5.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADC10DL065



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com