Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2104FRAANZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HIP2104FRAANZ
Description  60V, 1A/2A Peak, Half-Bridge Driver with 4V UVLO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2104FRAANZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  HIP2104FRAANZ Datasheet HTML 1Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 2Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 3Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 4Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 5Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 6Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 7Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 8Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
HIP2103, HIP2104
1. Overview
FN8276 Rev.2.0
Page 4 of 30
Feb 25, 2021
Figure 5. BLDC (3-Phase) Motor Drive Topology
µController
HIP2104
VBAT
VCen
VCC
VDD
HI
LI
EPAD
LO
HS
HO
HB
VDen
VSS
VBATT
HI
LI
LO
HS
HO
HB
VSS
HIP2103
EPAD
VDD
VDD
HI
LI
LO
HS
HO
HB
VSS
HIP2103
EPAD
VDD
BLDC
Motor
VBATT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com