Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2104FRAANZ Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # HIP2104FRAANZ
Description  60V, 1A/2A Peak, Half-Bridge Driver with 4V UVLO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2104FRAANZ Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button HIP2104FRAANZ Datasheet HTML 19Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 20Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 21Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 22Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 23Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 24Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 25Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 26Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
HIP2103, HIP2104
6. Application Examples
FN8276 Rev.2.0
Page 23 of 30
Feb 25, 2021
The value of RHS is determined by how much average current in the clamping diode is acceptable. Current in the
low-side FET flows through the body diode during the dead time resulting with a negative voltage on HS that is
typically about -1.5V. When the low-side FET is turned on, the current through the body diode is shunted away
into the channel and the conduction voltage from source to drain is typically much less than the conduction
voltage through the body diode. Consequently, significant current flows in the clamping diode only during the dead
time. Because the dead time is much less than the low-side FET’s on-time, the resulting average current in the
clamping diode is very low. The value of RHS is then chosen to limit the peak current in the clamping diode and
usually just a few ohms is necessary.
The methods to clamp the negative transients with diodes can still result with high frequency oscillations on the
HS node depending on the parasitics of the PCB design. An alternative to the clamping diode in Figure 26 is a
small value capacitor instead of the diode. This capacitor and RHS is very effective for minimizing the negative
spike amplitude and oscillations.
However, this solution also has its limitations. Depending on the value of the filter capacitor and the PWM
switching frequency, RHS can dissipate significant power because the voltage on the capacitor is switching
between the bridge voltage and ground. Usually, the power dissipated by RHS is small because the switching
frequency for most motor drives is <20kHz and the value used for Cfilter is typically about 1000pF.
Another issue is that the charge on Cfilter is partially transferred to the gate of the high-side FET when the low-side
FET turns on. When the phase node goes low, a voltage is impressed across RHS as shown in Figure 27.
Because HO is low, the voltage across RHS is also across the gate of the high-side FET. If the filter capacitor is
very large, the voltage on the gate approaches the bridge voltage turning on the high-side FET resulting with
shoot-through. Fortunately, the voltage across RHS is much less than the bridge voltage for two reasons. First, the
voltage across RHS is determined by the turn-on time of the low-side FET. As the low-side FET is turning on, the
charge on the filter capacitor is depleting lessening the voltage across RHS. Also, because the relatively large gate
capacitance of the high-side FET is in parallel with RHS, the voltage impressed on the gate is further reduced. In a
Figure 26. Resistor and Diode Negative Transient Clamp
Figure 27. Resistor and Capacitor Negative Transient Filter
VSS
HS
LO
HO
Inductive
Load
+
-
+
-
RHS
HB
CBOOT
VSS
HS
LO
HO
Inductive
Load
RHS
HB
CBOOT
+
_
Cfilter
IBAT, 0kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com