Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2104FRAANZ Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # HIP2104FRAANZ
Description  60V, 1A/2A Peak, Half-Bridge Driver with 4V UVLO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2104FRAANZ Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button HIP2104FRAANZ Datasheet HTML 23Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 24Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 25Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 26Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 27Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 28Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 29Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 30Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 31Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
HIP2103, HIP2104
9. Revision History
FN8276 Rev.2.0
Page 27 of 30
Feb 25, 2021
9.
Revision History
Rev.
Date
Description
2.0
Feb 25, 2021
Added HIP2103 SOIC package information throughout document.
Corrected Max Power Dissipation maximum values for 12LD and 8LD DFN packages. The values had been
switched.
1.0
Jul 22, 2019
Applied new formatting throughout document.
Updated Related Literature.
Updated Features section.
Updated Description on page 1.
Added Label to Figure 2.
Updated Block Diagram.
Updated Pin Descriptions
Updated Ordering information table by adding tape and reel information, adding boards, and updating notes.
Updated Note 10.
Added additional “Voltage on HS” and updated previous one in the Recommended Operating Conditions
section.
Removed VDD Rated Output Current and VCC Rated Output Current specifications from DC Electrical
Specification table.
Updated Sinking rDS(ON) specs (Typical from “6.1” to “2.68” and Minimum “4.4” to “0.61”).
Updated Sourcing rDS(ON) specs (Typical from “11.9” to “6.47” and Minimum “9.7” to “2.3”).
Updated Test condition for On Resistance specification.
Updated Figure 6.
Replaced Figure 13.
Updated Labels on Figures 10 - 22.
Added Input Signals, HIP2104 LDOs, and Sleep Mode sections.
Removed About Intersil section.
Updated POD L8.3x3A and L12.4x4A to the latest revisions changes are as follows:
Tiebar Note updated
From: Tiebar shown (if present) is a non-functional feature.
To: Tiebar shown (if present) is a non-functional feature and may be located on any of the 4 sides (or ends).
Updated Disclaimer
0.0
Nov 27, 2013
Initial release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com