Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2104FRAANZ Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # HIP2104FRAANZ
Description  60V, 1A/2A Peak, Half-Bridge Driver with 4V UVLO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2104FRAANZ Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button HIP2104FRAANZ Datasheet HTML 12Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 13Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 14Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 15Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 16Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 17Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 18Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 19Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
HIP2103, HIP2104
4. Typical Perfomance Graphs
FN8276 Rev.2.0
Page 16 of 30
Feb 25, 2021
Figure 16. HIP2104 VDD Current Limit
Figure 17. HIP2103 Sleep Current (HI = LI = 1)
Figure 18. HIP2103 Operating Current
Figure 19. HIP2103 and HIP2104 Falling VDD
Undervoltage Lockout Threshold
Figure 20. Boot FET Resistance
Figure 21. HO Output Resistance
0
2
4
6
8
10
12
14
0
50
100
150
IDD (mA)
1
2
3
4
5
6
7
8
9
10
5
6
7
8
9
1011
121314
VDD (V)
300
600
700
800
900
0
100
57
9
13
15
VDD (V)
500
200
400
11
Switching, 0kHz
Switching, 10kHz
Switching, 20kHz
No Load on LO and HO
3.5
3.7
3.9
4.1
4.3
4.5
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
140
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
140
0
2
4
6
8
10
12
14
16
18
20
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
0
1
2
3
4
5
6
7
8
9
Sourcing
Sinking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com