Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2104FRAANZ Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HIP2104FRAANZ
Description  60V, 1A/2A Peak, Half-Bridge Driver with 4V UVLO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2104FRAANZ Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HIP2104FRAANZ Datasheet HTML 8Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 9Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 10Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 11Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 12Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 13Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 14Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 15Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
HIP2103, HIP2104
3. Specifications
FN8276 Rev.2.0
Page 12 of 30
Feb 25, 2021
Turn-On/Off Propagation Mismatch
(HO rising to LO falling) (Figure 9)
tMONHL
LI = 1 -> 0
HI = 0 -> 1
-2.5
-8
+3
ns
Turn-On/Off Propagation Mismatch
(LO rising to HO falling) (Figure 9)
tMONLH
HI = 1 -> 0
LI = 0 -> 1
-4.2
-9.0
+5.4
ns
LO Output Rise Time (10% to 90%)
tR12
CL = 1nF
VDD = 12V
20.5
735
ns
tR5
CL = 1nF
VDD = 5V (HIP2103 only)
19.5
632
ns
HO Output Rise Time (10% to 90%)
tR12
CL = 1nF
VDD = 12V
21
835
ns
tR5
CL = 1nF
VDD = 5V (HIP2103 only)
21
834
ns
LO Output Fall Time (90% to 10%)
tF12
CL = 1nF
VDD = 12V
17
330
ns
tF5
CL = 1nF
VDD = 5V (HIP2103 only)
17
330
ns
HO Output Fall Time (90% to 10%)
tF12
CL = 1nF
VDD = 12V
16
230
ns
tF5
CL = 1nF
VDD = 5V (HIP2103 only)
16
1.5
29
ns
Time Delay to Set Sleep Mode
(Note 16, Figure 7)
tSlpS
HI = LI = 0 -> 1
17
927
µs
Time Delay to Reset Sleep Mode
(Note 16, Figure 7)
tSlpR
HI = 0, LI = 0 -> 1
17
927
µs
Note:
16. When HI and LI are on simultaneously, HO and LO are never on simultaneously. This feature is intended to initiate sleep. This feature
cannot be used to prevent shoot-through for normal alternating switching between LI and HI. Dead time must be provided when
HI = 0 -> LI = 1, or LI = 0 -> HI = 1. See Timing Diagrams (Figure 7 on page 13).
VDD = 12V, GND = 0V, No Load on OUTA or OUTB, Unless Otherwise Specified. VDD load = 1µF and VCC load = 1µF (HIP2104 only)
Boldface limits apply across the operating junction temperature range, -40°C to +125°C. (Continued)
Parameters
Symbol
Test Conditions
TJ = +25°C
TJ = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com