Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2104FRAANZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HIP2104FRAANZ
Description  60V, 1A/2A Peak, Half-Bridge Driver with 4V UVLO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2104FRAANZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HIP2104FRAANZ Datasheet HTML 9Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 10Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 11Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 12Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 13Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 14Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 15Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 16Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
HIP2103, HIP2104
3. Specifications
FN8276 Rev.2.0
Page 13 of 30
Feb 25, 2021
3.6
Timing Diagrams
Figure 6. VDD Power-On/Off Timing for Sleep Mode
Figure 7. Sleep Mode Enabled or Cleared by HI and LI Inputs
UV threshol d
HI = 0
LI = 1
*S LEE P
UVL O
VDD
VDen
VCC
VCen
*S LEE P
UVL O
VDD
VDen
VCC
VCen
tVC en
tVD en
tSlpS
tSlpR
HI = 0
LI = 1
2M
:
: to HS
100
: to LS
Dead Tim e
P rovid ed By
Control ler
HO
LO
SLEE P*
HI
LI
HO
LO
SLEE P*
HI
LI
20µs
20µs
* S leep mo de i s en abled when HI = LI = 1 for 20µs.
S leep mo de i s cl eared when HI = 0 and LI = 1 for 20µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com