Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP2104FRAANZ Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # HIP2104FRAANZ
Description  60V, 1A/2A Peak, Half-Bridge Driver with 4V UVLO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2104FRAANZ Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button HIP2104FRAANZ Datasheet HTML 21Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 22Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 23Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 24Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 25Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 26Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 27Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 28Page - Renesas Technology Corp HIP2104FRAANZ Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
HIP2103, HIP2104
7. General PCB Layout Guidelines
FN8276 Rev.2.0
Page 25 of 30
Feb 25, 2021
7.
General PCB Layout Guidelines
The AC performance of the HIP2103 and HIP2104 depends significantly on the design of the PCB. The following
layout design guidelines are recommended to achieve optimum performance:
• Place the driver as close as possible to the driven power FET.
• Understand where the switching power currents flow. The high amplitude di/dt currents of the driven power FET
induce significant voltage transients on the associated traces.
• Keep power loops as short as possible by paralleling the source and return traces.
• Use planes where practical; they are usually more effective than parallel traces.
• Avoid paralleling high amplitude di/dt traces with low level signal lines. High di/dt induces currents and
consequently, noise voltages in the low level signal lines.
• When practical, minimize impedances in low-level signal circuits. Magnetically induced noise on a 10kΩ
resistor, is 10x larger than the noise on a 1kΩ resistor.
• Be aware of magnetic fields emanating from motors and inductors. Gaps in the magnetic cores of these
structures are especially bad for emitting flux.
• If you must have traces close to magnetic devices, align the traces so that they are parallel to the flux lines to
minimize coupling.
• The use of low inductance components such as chip resistors and chip capacitors is highly recommended.
• Use decoupling capacitors to reduce the influence of parasitic inductance in the VBAT, VDD, and GND leads. To
be effective, these capacitors must also have the shortest possible conduction paths. If vias are used, connect
several paralleled vias to reduce the inductance of the vias.
• It may be necessary to add resistance to dampen resonating parasitic circuits, especially on LO and LO. If an
external gate resistor is unacceptable, the layout must be improved to minimize lead inductance.
• Keep high dv/dt nodes away from low level circuits. Use guard banding to shunt away dv/dt injected currents
from sensitive circuits.
• Avoid having a signal ground plane under a high amplitude dv/dt circuit. The parasitic capacitance of a ground
plane, Cp, relative to the high amplitude dv/dt circuit results in injected (Cp x dv/dt) currents into the signal
ground paths where C is the parasitic capacitance of the ground plane.
• Do power dissipation and voltage drop calculations of the power traces. Many PCB/CAD programs have built in
tools for calculation of trace resistance. The internet is also a good source for resistance calculators for PCB
trace resistance.
• Large power components (such as power FETs, electrolytic capacitors, and power resistors) have internal
parasitic inductance that cannot be eliminated. This must be accounted for in the PCB layout and circuit design.
• If you simulate your circuits, consider including parasitic components, especially parasitic inductance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com