Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2CF08 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # P2CF08
Description  Products Related to Common Sockets and DIN Tracks
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF08 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button P2CF08 Datasheet HTML 2Page - Omron Electronics LLC P2CF08 Datasheet HTML 3Page - Omron Electronics LLC P2CF08 Datasheet HTML 4Page - Omron Electronics LLC P2CF08 Datasheet HTML 5Page - Omron Electronics LLC P2CF08 Datasheet HTML 6Page - Omron Electronics LLC P2CF08 Datasheet HTML 7Page - Omron Electronics LLC P2CF08 Datasheet HTML 8Page - Omron Electronics LLC P2CF08 Datasheet HTML 9Page - Omron Electronics LLC P2CF08 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Products Related to Common Sockets and DIN Tracks
6
Hold-down Clips
(Unit: mm)
For Square Sockets
For Round Sockets
71.8
9.6
4.5
1
2.5
2.7
7°
2.7
3
3.3
5
3
4.5
PKC One Set (2 Clips)
36.3 40.7
10
29
PTC-1
4.5
1.2
36.3
5 max.
4.5
PYC-A1 Approx. 0.54 g
One Set (2 Clips)
4.5
1.2
42.8
5 max.
4.5
PYC-A2
One Set (2 Clips)
4.5
±0.1
5.8
1.2
4.3
36.3
5 max.
PYC-E1
One Set (2 Clips)
5
38.5
Approx. 3
29 max.
PYC-P Approx. 1.4 g
10
28
PYC-P2 Approx. 1.2 g
8
2.5
28
PYC-S Approx. 1.8 g
9.4
52
28
58.2
PYC-1 Approx. 6 g
8
Approx. 3
28.8
PYC-2
5
29.5
44.5
PYC-3
3.7
41.7
10
PYC-5
3.7
34.5
10
PYC Approx. 0.2 g
6
3.5
3
5
72.9
6
10
2
1.5
1.5
34.7
23.5
6
Y92H-1
53
5 max.
4.5
1.2
4.5
Y92H-3
One Set (2 Clips)
30.5
R9
24.5
20
2.5
(84°)
33.7
Y92H-4
4.6
62
60.8
4.5
6
PFC-A1 Approx. 2.2 g
One Set (2 Clips)
6
4.5
73.3
74.5
4.6
PFC-A6 Approx. 2.4 g
One Set (2 Clips)
4.6
95.2
94
4.5
6
PFC-A7 Approx. 3.0 g
One Set (2 Clips)
7.6
56.6
PLC Approx. 2.4 g
One Set (2 Clips)
56.3
8
PLC-1 Approx. 2.6 g
One Set (2 Clips)
9
65.7
69.2
8
PLC-7 Approx. 3.0 g
One Set (2 Clips)
86.7
90.2
9
8
PLC-8 Approx. 6.4 g
One Set (2 Clips)
5
66.2
6
PLC-10 Approx. 2.0 g
One Set (2 Clips)
64.3
8
PLC-12 Approx. 5.4 g
One Set (2 Clips)
Minimum Order Lot
The following models are available at the
minimum order lot specified below.
Type
Model
Minimum
order lot
(pcs)
For Square
Sockets
PYC-A1
PYC-P
100
PYC-A2
PYC-S
PYC-1
PYC-2
PYC-3
PYC-5
10
For Round
Sockets
PFC-A1
PFC-A6
PFC-A7
PLC
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com