Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2CF08 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # P2CF08
Description  Products Related to Common Sockets and DIN Tracks
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF08 Datasheet(HTML) 4 Page - Omron Electronics LLC

  P2CF08 Datasheet HTML 1Page - Omron Electronics LLC P2CF08 Datasheet HTML 2Page - Omron Electronics LLC P2CF08 Datasheet HTML 3Page - Omron Electronics LLC P2CF08 Datasheet HTML 4Page - Omron Electronics LLC P2CF08 Datasheet HTML 5Page - Omron Electronics LLC P2CF08 Datasheet HTML 6Page - Omron Electronics LLC P2CF08 Datasheet HTML 7Page - Omron Electronics LLC P2CF08 Datasheet HTML 8Page - Omron Electronics LLC P2CF08 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
Products Related to Common Sockets and DIN Tracks
Note: 1. The structure of
@-E models provides finger protection. Round terminals cannot be used. Use forked crimp terminals.
2. Refer to Models with Standards Certification for detailed information on the models of Common Sockets that are certified for standards.
*1. Use a #1 Phillips screwdriver to tighten the screws on this Socket.
*2. The structure does not resist flux. Manual soldering is recommended for this product.
Note: The structure of
@-E models provides finger protection. Round terminals cannot be used. Use forked crimp terminals.
* Use a #1 Phillips screwdriver to tighten the screws on this Socket.
* The structure does not resist flux. Manual soldering is recommended for this product.
Minimum Order Lot
The following models are available at the minimum order lot specified below.
Model
PTF (front-mounting), page 17
PT (back-mounting), page 18
Number
of pins
Solder terminals
Wrapping terminals
PCB terminals
8 pins
11 pins
14 pins
Number of pins
Model
PYF
PY
PTF
PT
Minimum order lot (pcs)
8 pins
PYF08A
PYF08M
PY08
PTF08A
PT08
10
11 pins
PYF11A
PY11
PTF11A
PT11
14 pins
PYF14A
PY14
PTF14A
PT14
PTF08A Approx. 47 g
PTF08A-E *1
PT08 Approx. 11 g
PT08QN
Approx. 10.4 g
PT08-0 *2
Approx. 8 g
PTF11A Approx. 61 g
PT11 Approx. 13 g
PT11QN
PT11-0 *2
Approx. 12.2 g
PTF14A Approx. 77 g
PTF14A-E *1
PT14 Approx. 17 g
PT14QN
Approx.
20 g
PT14-0 *2
Approx. 16.2 g
Model
P7S/P7SA, pages 20 and 21
Number
of pins
Front-mounting
PCB terminals
10 pins
14 pins
P7SA-10F Approx. 44 g
P7SA-10F-ND Approx. 44 g
P7SA-10P Approx. 9 g
P7S-14F-END Approx. 110 g
P7SA-14F Approx. 59 g
P7SA-14F-ND Approx. 59 g
P7S-14P-E Approx. 25 g
P7SA-14P Approx. 10 g
Model
P7LF (front-mounting), page 20
Number
of pins
6 pins
P7LF-06 Approx. 60 g
Note: Refer to Models with Standards Certification for detailed information on the models of Common Sockets that are certified for standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com