Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2CF08 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # P2CF08
Description  Products Related to Common Sockets and DIN Tracks
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF08 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button P2CF08 Datasheet HTML 3Page - Omron Electronics LLC P2CF08 Datasheet HTML 4Page - Omron Electronics LLC P2CF08 Datasheet HTML 5Page - Omron Electronics LLC P2CF08 Datasheet HTML 6Page - Omron Electronics LLC P2CF08 Datasheet HTML 7Page - Omron Electronics LLC P2CF08 Datasheet HTML 8Page - Omron Electronics LLC P2CF08 Datasheet HTML 9Page - Omron Electronics LLC P2CF08 Datasheet HTML 10Page - Omron Electronics LLC P2CF08 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
Products Related to Common Sockets and DIN Tracks
Specifications
Socket Characteristics
Model
Continuous
carry current
Dielectric strength
Insulation
resistance*1
Remarks
P2RF-05(-E)(-S)
10 A
Between contact terminals of same polarity: 1,000 VAC for 1 min
1,000 M
Ω min.
Between coil and contact terminals: 4,000 VAC for 1 min
P2RF-08(-E)(-S)
5 A
Between contact terminals of different polarity: 3,000 VAC for 1 min
1,000 M
Ω min.
Between contact terminals of same polarity: 1,000 VAC for 1 min
Between coil and contact terminals: 4,000 VAC for 1 min
P2R-05P
10 A
Between contact terminals of same polarity: 1,000 VAC for 1 min
1,000 M
Ω min.
Between coil and contact terminals: 4,000 VAC for 1 min
P2R-08P
5 A
Between contact terminals of different polarity: 3,000 VAC for 1 min
1,000 M
Ω min.
Between contact terminals of same polarity: 1,000 VAC for 1 min
Between coil and contact terminals: 4,000 VAC for 1 min
P2R-057P
10 A
Between contact terminals of same polarity: 1,000 VAC for 1 min
1,000 M
Ω min.
Between coil and contact terminals: 5,000 VAC for 1 min
P2R-087P
5 A
Between contact terminals of different polarity: 3,000 VAC for 1 min
1,000 M
Ω min.
Between contact terminals of same polarity: 1,000 VAC for 1 min
Between coil and contact terminals: 5,000 VAC for 1 min
P2R-05A
10 A
Between contact terminals of same polarity: 1,000 VAC for 1 min
1,000 M
Ω min.
Between ground terminals: 1,500 VAC for 1 min
Between coil and contact terminals: 4,000 VAC for 1 min
P2R-08A
5 A
Between contact terminals of different polarity: 3,000 VAC for 1 min
1,000 M
Ω min.
Between contact terminals of same polarity: 1,000 VAC for 1 min
Between ground terminals: 1,500 VAC for 1 min
Between coil and contact terminals: 4,000 VAC for 1 min
P7TF-05
5 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
PYF08A(-E)(-S)
7 A, -S models:
10 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
The continuous carry current of 10
A for the PYF08S is for an
ambient temperature of 55°C.
At an ambient temperature of
70°C, the value is 7 A.
PYF11A
5 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
PYF14A(-E)(-S)
3 A, -S models:
5 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
PY08(-Y1)
7 A
Between terminals: 1,500 VAC for 1 min
1,000 M
Ω min.
PY08QN(-Y1)
7 A
Between terminals: 1,500 VAC for 1 min
100 M
Ω min.
PY08-02
7 A
Between terminals: 1,500 VAC for 1 min
100 M
Ω min.
PY11(-Y1)
5 A
Between terminals: 1,500 VAC for 1 min
100 M
Ω min.
PY11QN(-Y1)
5 A
Between terminals: 1,500 VAC for 1 min
100 M
Ω min.
PY11-02
5 A
Between terminals: 1,500 VAC for 1 min
100 M
Ω min.
PY14(-Y1)
3 A
Between terminals: 1,500 VAC for 1 min
100 M
Ω min.
PY14QN(-Y1)
3 A
Between terminals: 1,500 VAC for 1 min
100 M
Ω min.
PY14-02
3 A
Between terminals: 1,500 VAC for 1 min
100 M
Ω min.
PTF
@@A(-E)
10 A
Between terminals: 2,000 VAC for 1 min
100 M
Ω min.
PT
@@
10 A
Between terminals: 2,000 VAC for 1 min
100 M
Ω min.
PT
@@QN
10 A
Between terminals: 2,000 VAC for 1 min
100 M
Ω min.
PT
@@-0
10 A
Between terminals: 2,000 VAC for 1 min
100 M
Ω min.
P7LF-06
30 A
Between contact terminals of different polarity: 2,000 VAC for 1 min
1,000 M
Ω min.
Between contact terminals of same polarity: 2,000 VAC for 1 min
Between coil and contact terminals: 4,000 VAC for 1 min
PF
@@@A
5 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
P2CF
5 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
P3G(A)
6 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
8PFA(1)
10 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
11PFA(1)
10 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
PL
@(-Q)
10 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
PLE
@@-0
10 A
Between terminals: 2,000 VAC for 1 min
1,000 M
Ω min.
P6D-04P
5 A
Between contact terminals of same polarity: 1,000 VAC for 1 min
100 M
Ω min.
Between coil and contact terminals: 3,000 VAC for 1 min
P7S-14
@-E(ND)
10 A
Between contact terminals of different polarity: 2,000 VAC for 1 min
1,000 M
Ω min.
Between contact terminals of same polarity: 1,500 VAC for 1 min
Between coil and contact terminals: 2,000 VAC for 1 min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com