Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2CF08 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # P2CF08
Description  Products Related to Common Sockets and DIN Tracks
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF08 Datasheet(HTML) 1 Page - Omron Electronics LLC

  P2CF08 Datasheet HTML 1Page - Omron Electronics LLC P2CF08 Datasheet HTML 2Page - Omron Electronics LLC P2CF08 Datasheet HTML 3Page - Omron Electronics LLC P2CF08 Datasheet HTML 4Page - Omron Electronics LLC P2CF08 Datasheet HTML 5Page - Omron Electronics LLC P2CF08 Datasheet HTML 6Page - Omron Electronics LLC P2CF08 Datasheet HTML 7Page - Omron Electronics LLC P2CF08 Datasheet HTML 8Page - Omron Electronics LLC P2CF08 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
CSM_common_sockets_DS_E_3_5
1
ProductsRelatedtoCommonSocketsandDINTracks
A Wide Variety of Square and
Round Sockets in Front-mounting
and Back-mounting Models
• Models available with finger protection.
• Hold-down Clips and Socket Bridges for PYF Sockets
are also available.
• New screwless models available.
Models Used with Common Sockets
Sockets
Item
Model
Num-
ber of
pins
Applicable Sockets
Group name
Front-mount-
ing
Back-
mount-
ing
Proximi-
ty Sen-
sors
E2C
E2C-AM4A
8 P2CF-08
P3G
E2C-AK4A
11 P2CF-11
P3GA
E2C-GE4A
E2C-GF4A
8 PYF08A
PY
Level
Devices
61F
61F-GP-N8
61F-APN2
8
PF083A
PL
61F-UHS
8PFA1
61F-HSL
8PFA
61F-03B, -04B
61F-GP-N
61F-GPN-V50
61F-GPN-BT/BC
11 PF113A
61F-IP
61F-G1P, -G2P
14 14PFA
K7L
K7L-AT50/AT50D
K7L-U/-UD
8 P2RF-08(-E)
---
General-
purpose
Relays
and Solid-
state Re-
lays
MY
(Q, K, H)
MY1, MY2
8
PYF
PY
MY3
11
MY4, MYQ4
MY4Z-CBG
MY2K, MY4H
14
LY
LY1, LY2
8
PTF
PT
LY3
11
LY4
14
G7K
G7K-412S
---
G2A(K)
G2A,
G2A-434
G2AK
14 PYF
PY
MK(K)
MK2P
8 PF083A(-E)
PL
MK3P
MK2KP
11 PF113A(-E)
Item
Model
Number
of pins
Applicable Sockets
Group name
Front-
mounting
Back-
mounting
General-
purpose
Relays and
Solid-state
Relays
MM
MM2(X)P
8 8PFA
PL
MM3P
MM2(X)KP
11
PFA
MM3XP
MM3(X)KP
MM4(X)P
MM4(X)KP
14
G4Q
---
8 8PFA1
PL
G3F
G3F(D) Series
G3FM
8
PYF
PY
G3H
G3H(D) Series
PTF
PT
G3B
G3B(D) Series
PF083A
PL
G9H
G9H-2
@@SPTF
PT
G2R
G2R-1-S
@
5 P2RF-05
@
P2R
-05
@
G2R-2-S
@
8 P2RF-08
@
P2R
-08
@
G3R
---
5 P2RF-05
@
P2R
-05
@
G7T
G3TA
G7T
G3TA
5 P7TF-05
---
G7S
G7S-4A2B-E
G7S-3A3B-E
14 P7S-14F-END
P7S
-14P-E
G7SA
G7SA-3A1B
G7SA-2A2B
10
P7SA-10F
P7SA-10F-ND
P7SA
@-10P
G7SA-5A1B
G7SA-4A2B
G7SA-3A3B
14 P7SA-14F
P7SA-14F-ND
P7SA
@-14P
Timers
H3CA
H3CA-8(H)
8
P2CF
P3G
PL
H3CA-A
11
P3GA
PL
H5CN
H5CN-
@M11
P3GA
Other H5CN
models
8P3G
H5CX
H5CX-L8
@
8P3G
H5CX-A11
@
11
P3GA
H5CZ
H5CZ-L8
@
8P3G


Similar Part No. - P2CF08

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
P2CF-08 OMRON-P2CF-08 Datasheet
685Kb / 28P
General-purpose Relays and Power Relays Sockets
P2CF-08 OMRON-P2CF-08 Datasheet
1Mb / 16P
DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
P2CF-08 OMRON-P2CF-08 Datasheet
1Mb / 23P
Separate Amplifier Sensor with Sensitivity Adjustment
P2CF-08 OMRON-P2CF-08 Datasheet
401Kb / 22P
Solid-state Multi-functional Timer
P2CF-08 OMRON-P2CF-08 Datasheet
15Mb / 66P
Digital Counter/Tachometer
More results

Similar Description - P2CF08

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7860 HAMAMATSU-C7860 Datasheet
90Kb / 4P
DEUTERIUM LAMP RELATED PRODUCTS
logo
List of Unclassifed Man...
ADM200 ETC1-ADM200 Datasheet
97Kb / 1P
Related Products: Motor Operated Auto Drain
logo
Dubilier
DBCDS0507-4 DUBILIER-DBCDS0507-4 Datasheet
288Kb / 1P
AUDIO PCB DIN JACK SOCKETS
DBCMD0508-4 DUBILIER-DBCMD0508-4 Datasheet
446Kb / 1P
AUDIO PCB MINI JACK DIN SOCKETS
DBCMD05108 DUBILIER-DBCMD05108 Datasheet
243Kb / 1P
AUDIO PCB MINI DIN SOCKETS
DBCDS0507-4 DUBILIER-DBCDS0507-4_11 Datasheet
292Kb / 1P
AUDIO PCB DIN JACK SOCKETS
DBCMD0508-4 DUBILIER-DBCMD0508-4_11 Datasheet
779Kb / 3P
AUDIO PCB MINI JACK DIN SOCKETS
logo
List of Unclassifed Man...
OT08-PC ETC2-OT08-PC Datasheet
87Kb / 1P
8 and 11 Pin Octal Sockets, DIN Rail Mountable
logo
Japan Aviation Electron...
SG5S009V1A1 JAE-SG5S009V1A1 Datasheet
276Kb / 7P
Sockets/Memory Products
logo
List of Unclassifed Man...
ST11-PC ETC2-ST11-PC Datasheet
79Kb / 1P
8 and 11 Pin Square Base Sockets, DIN Rail Mountable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com