Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2CF08 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # P2CF08
Description  Products Related to Common Sockets and DIN Tracks
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF08 Datasheet(HTML) 3 Page - Omron Electronics LLC

  P2CF08 Datasheet HTML 1Page - Omron Electronics LLC P2CF08 Datasheet HTML 2Page - Omron Electronics LLC P2CF08 Datasheet HTML 3Page - Omron Electronics LLC P2CF08 Datasheet HTML 4Page - Omron Electronics LLC P2CF08 Datasheet HTML 5Page - Omron Electronics LLC P2CF08 Datasheet HTML 6Page - Omron Electronics LLC P2CF08 Datasheet HTML 7Page - Omron Electronics LLC P2CF08 Datasheet HTML 8Page - Omron Electronics LLC P2CF08 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
3
Products Related to Common Sockets and DIN Tracks
Ordering Information
Square Sockets
Note: 1. The structure of
@-E models provides finger protection. Round terminals cannot be used. Use forked crimp terminals.
2. To remove the Relay, pull the lever on the Socket with your fingers supporting the lever and the opposite side of the Relay case, and
jiggle the Relay.
* Use a #1 Phillips screwdriver to tighten the screws on this Socket.
Minimum Order Lot The following models are available at the minimum order lot specified below.
Model
P2RF (front-mounting), page 9
P2R (back-mounting), pages 11 and 12
P7TF (front-
mounting), page 12
Number of pins
Solder terminals
PCB terminals
5 pins
P2RF-05
Approx. 27 g
P2RF-05-E*
Approx. 38 g
P2RF-05-S
Approx. 36 g
P2R-05A
Approx. 5 g
P2R-05P
Approx. 5 g
P2R-057P
Approx. 5.5 g
P7TF-05
Approx. 28 g
8 pins
P2RF-08
Approx. 33 g
P2RF-08-E*
Approx. 38 g
P2RF-08-S
Approx. 40 g
P2R-08A
Approx. 5 g
P2R-08P
Approx. 5 g
P2R-087P
Approx. 5.5 g
---
Number of pins
Model
P2RF
P2R
P7TF
Minimum order lot (pcs)
5 pins
P2RF-05
P2R-05A
P2R-05P
P7TF-05
10
8 pins
P2RF-08
P2R-08A
P2R-08P
---
Model
PYF (front-mounting), page 14
PY (back-mounting), page 15
Number
of pins
Solder terminals
Wrapping terminals
PCB terminals
8 pins
11 pins
1
?
14 pins
PYF08A
Approx. 32 g
PYF08A-E *1
PYF08M
Approx. 26 g
PYF08S
Approx. 46 g
PY08
Approx. 8 g
PY08-Y1
PY08-Y3
PY08QN
Approx. 12 g
PY08QN2
PY08QN-Y1
PY08QN2-Y1
PY08-02 *2
Approx. 7.2 g
PYF11A
Approx. 43 g
PY11
Approx. 9 g
PY11-Y1
PY11QN
PY11QN2
PY11QN-Y1
PY11QN2-Y1
PY11-02 *2
PYF14A-E*1
PYF14A
Approx. 49 g
PYF14T
Approx. 53 g
PYF14S
Approx. 62 g
PY14
Approx. 10 g
PY14-Y1
PY14-Y3
PY14QN
Approx. 14 g
PY14QN2
PY14QN-Y1
PY14QN2-Y1
PY14QN-Y3
PY14QN2-Y3
PY14-02 *2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com