Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2CF08 Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # P2CF08
Description  Products Related to Common Sockets and DIN Tracks
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF08 Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button P2CF08 Datasheet HTML 11Page - Omron Electronics LLC P2CF08 Datasheet HTML 12Page - Omron Electronics LLC P2CF08 Datasheet HTML 13Page - Omron Electronics LLC P2CF08 Datasheet HTML 14Page - Omron Electronics LLC P2CF08 Datasheet HTML 15Page - Omron Electronics LLC P2CF08 Datasheet HTML 16Page - Omron Electronics LLC P2CF08 Datasheet HTML 17Page - Omron Electronics LLC P2CF08 Datasheet HTML 18Page - Omron Electronics LLC P2CF08 Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
15
Products Related to Common Sockets and DIN Tracks
Relay Sockets and Socket Bridges for PYF
Bridges within the Same Socket
Note: 1. The
@ in the model number is replaced with the insulation color specification code. B: Black, Y: Yellow
2. Specify the number of bags when ordering.
Bridges between Adjacent Sockets
Note: 1. The
@ in the model number is replaced with the insulation color specification code. B: Black, S: Blue, R: Red
2. Specify the number of bags when ordering.
Socket Bridges
Note: 1. Use the Socket Bridges for relay coil bridge wiring.
2. Specify the number of bags when ordering.
Safety Precautions
Maximum Carry Current
• The total current of all bridged poles must not exceed the maximum carry current of the Socket Bridge.
• Make sure that the maximum carry current of the relay contacts is also not exceeded for each pole.
• If you use more than one Socket, use End Plates (PFP-M).
Pitch
Applicabl
e models
Appearance
Dimensions (mm)
Model
Specifications
7
mm
PYF14A
PYD-020B
@(2P)
Max. carry current: 20 A (18 A at 70°C)
Ambient operating temperature: -40 to 70°C (with no
icing or condensation)
Ambient operating humidity: 45% to 85% (with no
icing or condensation)
Conductor material: Brass
Conductor surface treatment: Nickel plating
Package qty: 50/bag
PYD-030B
@(3P)
Pitch
Applicabl
e models
Appearance
Dimensions (mm)
Model
Specifications
22
mm
PYF08A
PYD-025B
@(2P)
Max. carry current: 20 A (18 A at 70°C)
Ambient operating temperature: -40 to 70°C (with no
icing or condensation)
Ambient operating humidity: 45% to 85% (with no
icing or condensation)
Conductor material: Brass
Conductor surface treatment: Nickel plating
Package qty: 10/bag
PYD-085B
@(8P)
29
mm
PYF14A
PYD-026B
@(2P)
Max. carry current: 20 A (18 A at 70°C)
Ambient operating temperature: -40 to 70°C (with no
icing or condensation)
Ambient operating humidity: 45% to 85% (with no
icing or condensation)
Conductor material: Brass
Conductor surface treatment: Nickel plating
Package qty: 10/bag
PYD-086B
@(8P)
Pitch
Applicable models
Appearance and dimensions (mm)
Model
Insulation color
19.7
mm
PYF08S
PYDM-08SR
Red
PYDM-08SB
Blue
27.5
mm
PYF14S
PYDM-14SR
Red
PYDM-14SB
Blue
14.3
mm
P2RF-
@@-S
P2RM-SR
Red
P2RM-SB
Blue
7
3.2
5.6
7
7
3.2
5.6
22
40°
3.3
5.6
22
154
40°
3.3
5.6
29
40°
3.3
5.6
29
203
40°
3.3
5.6
9
Guide: 1.2 dia.
Insulating coating
14
Pitch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com