Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P2CF08 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # P2CF08
Description  Products Related to Common Sockets and DIN Tracks
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF08 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button P2CF08 Datasheet HTML 8Page - Omron Electronics LLC P2CF08 Datasheet HTML 9Page - Omron Electronics LLC P2CF08 Datasheet HTML 10Page - Omron Electronics LLC P2CF08 Datasheet HTML 11Page - Omron Electronics LLC P2CF08 Datasheet HTML 12Page - Omron Electronics LLC P2CF08 Datasheet HTML 13Page - Omron Electronics LLC P2CF08 Datasheet HTML 14Page - Omron Electronics LLC P2CF08 Datasheet HTML 15Page - Omron Electronics LLC P2CF08 Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Products Related to Common Sockets and DIN Tracks
12
P2R
(Unit: mm)
Note: If an I/O SSR or Indicator Module is used, the polarity of terminal 1 is negative.
P7TF
(Unit: mm)
Note: If an I/O SSR or Indicator Module is used, the polarity of terminal 1 is positive.
Dimensions
Terminal Arrangement/
Internal Connections
Mounting Hole Dimensions
Dimensions
Terminal Arrangement/
Internal Connections
Mounting Hole Dimensions
0.3
7.5
1.2
4.5
5
Five, 3 x 1.8-dia. holes
16.7
3.8
6
36.5 max.
6.7
35.5 max.
14.5 max.
P2R-05A (One Pole)
3
4
2
1
5
(Bottom View)
30.5+0.2
0
13.6±0.1
(Use panel with thickness of
1.6 to 2.0 mm.)
36.5 max.
7.5
1.5
Eight, 3 x 1.2-dia. holes
14.5 max.
35.5 max.
2.8
2.6
20
7.5
6.5
1.2
0.3
5
5
P2R-08A (Two Poles)
4
5
3
6
2
7
1
8
(Bottom View)
19 max.
7+0.2
-0
5-M3.5×8
71.5 max.
4
12.5±0.2
59 max.
19.5
9
35.5
P7TF-05
3
1
5
2
4
(Top View)
12.5±0.2
62±0.1
M3
M3 or M4*
Note: Track mounting is also possible.
Refer to page 27.
* We recommend that you use washers
if you use M3 bolts or screws.
Washers are not required with M4
bolts or screws.
(Top View)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com