Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62201DBVT Datasheet(PDF) 16 Page - Texas Instruments

Part # TPS62201DBVT
Description  TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62201DBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS62201DBVT Datasheet HTML 12Page - Texas Instruments TPS62201DBVT Datasheet HTML 13Page - Texas Instruments TPS62201DBVT Datasheet HTML 14Page - Texas Instruments TPS62201DBVT Datasheet HTML 15Page - Texas Instruments TPS62201DBVT Datasheet HTML 16Page - Texas Instruments TPS62201DBVT Datasheet HTML 17Page - Texas Instruments TPS62201DBVT Datasheet HTML 18Page - Texas Instruments TPS62201DBVT Datasheet HTML 19Page - Texas Instruments TPS62201DBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
VI
GND
EN
SW
FB
C3
4.7 mF
L1
10 mH
C4
10 mF
TPS62200
VI
2.5 V to 6 V
VO
1.5 V/300 mA
R1
360 kW
R2
180 kW
C1
47 pF
C2
100 pF
1
2
3
5
4
VI
GND
EN
SW
FB
C1
4.7 mF
L1
4.7 mH
C2
22 mF
TPS62202
VI
2.5 V to 6 V
VO
1.8 V/300 mA
1
2
3
5
4
TPS62200, TPS62201, TPS62202, TPS62203
TPS62204, TPS62205, TPS62207, TPS62208
SLVS417F – MARCH 2002 – REVISED JUNE 2015
www.ti.com
System Examples (continued)
Figure 17. 1.8 V Fixed Output Voltage Version Using 4.7-µH Inductor
8.3.2 Adjustable Output Voltage Version Set to 1.5 V
Figure 18. Adjustable Output Voltage Version Set to 1.5 V
16
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: TPS62200 TPS62201 TPS62202 TPS62203 TPS62204 TPS62205 TPS62207 TPS62208



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com