Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62201DBVT Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS62201DBVT
Description  TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS62201DBVT Datasheet(HTML) 1 Page - Texas Instruments

  TPS62201DBVT Datasheet HTML 1Page - Texas Instruments TPS62201DBVT Datasheet HTML 2Page - Texas Instruments TPS62201DBVT Datasheet HTML 3Page - Texas Instruments TPS62201DBVT Datasheet HTML 4Page - Texas Instruments TPS62201DBVT Datasheet HTML 5Page - Texas Instruments TPS62201DBVT Datasheet HTML 6Page - Texas Instruments TPS62201DBVT Datasheet HTML 7Page - Texas Instruments TPS62201DBVT Datasheet HTML 8Page - Texas Instruments TPS62201DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
40
45
50
55
60
65
70
75
80
85
90
95
100
0.010
0.100
1
10
100
1000
IL −Load Current − mA
VO = 1.8 V
VI = 2.7 V
VI = 3.7 V
VI = 5 V
VI
GND
EN
SW
FB
C1
4.7 mF
L1
10 mH
C2
10 mF
TPS62202
VI
2.5 V − 6 V
VO
1.8 V / 300 mA
1
5
2
3
4
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS62200, TPS62201, TPS62202, TPS62203
TPS62204, TPS62205, TPS62207, TPS62208
SLVS417F – MARCH 2002 – REVISED JUNE 2015
TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter
1 Features
3 Description
The TPS6220x devices are a family of high-efficiency
1
•
High-Efficiency Synchronous Step-Down
synchronous step-down converters ideally suited for
Converter With up to 95% Efficiency
portable systems powered by 1-cell Li-Ion or 3-cell
•
2.5-V to 6-V Input Voltage Range
NiMH/NiCd batteries. The devices are also suitable to
•
Adjustable Output Voltage Range From 0.7 V to VI
operate from a standard 3.3-V or 5-V voltage rail.
•
Fixed Output Voltage Options Available
With an output voltage range of 6 V down to 0.7 V
•
Up to 300-mA Output Current
and up to 300 mA output current, the devices are
ideal to power low voltage DSPs and processors
•
1-MHz Fixed-Frequency PWM Operation
used in PDAs, pocket PCs, and smart phones. Under
•
Highest Efficiency Over Wide Load Current Range
nominal load current, the devices operate with a fixed
Due to Power Save Mode
switching frequency of typically 1 MHz. At light load
•
15-µA Typical Quiescent Current
currents, the part enters the power save mode
operation; the switching frequency is reduced and the
•
Soft Start
quiescent current is typically only 15 µA; therefore, it
•
100% Duty Cycle Low-Dropout Operation
achieves the highest efficiency over the entire load
•
Dynamic Output-Voltage Positioning
current range. The TPS6220x needs only three small
external components. Together with the SOT23
•
Available in a 5-Pin SOT23 Package
package,
a
minimum
system
solution
size
is
achieved. An advanced fast response voltage mode
2 Applications
control scheme achieves superior line and load
•
PDAs and Pocket PCs
regulation with small ceramic input and output
capacitors.
•
Cellular Phones and Smart Phones
•
Low Power DSP Supplies
Device Information(1)
•
Digital Cameras
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Portable Media Players
TPS6220x
SOT-23 (5)
2.90 mm × 1.60 mm
•
Portable Equipment
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic
Efficiency vs Load Current
(Fixed Output Voltage Version)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS62201DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62201DBVT TI1-TPS62201DBVT Datasheet
905Kb / 24P
HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62201DBVT TI2-TPS62201DBVT Datasheet
839Kb / 30P
TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter
REVISED JUNE 2015
TPS62201DBVT.B TI2-TPS62201DBVT.B Datasheet
839Kb / 30P
TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter
REVISED JUNE 2015
TPS62201DBVTG4 TI1-TPS62201DBVTG4 Datasheet
905Kb / 24P
HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62201DBVTG4 TI2-TPS62201DBVTG4 Datasheet
839Kb / 30P
TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter
REVISED JUNE 2015
More results

Similar Description - TPS62201DBVT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
High-Efficiency, Step-Down DC/DC Converter
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
High-Efficiency Step-Down DC-DC Converter
logo
Texas Instruments
TPS62200 TI-TPS62200 Datasheet
291Kb / 19P
HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62205 TI-TPS62205 Datasheet
264Kb / 19P
HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
logo
Shindengen Electric Mfg...
MD1422N SHINDENGEN-MD1422N Datasheet
41Kb / 2P
high-efficiency step down DC-DC converter
logo
Fairchild Semiconductor
FAN5308 FAIRCHILD-FAN5308_07 Datasheet
472Kb / 11P
800mA High-Efficiency Step-Down DC-DC Converter
logo
Texas Instruments
TPS62203-DIE TI1-TPS62203-DIE Datasheet
70Kb / 4P
HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI1-TPS62200_13 Datasheet
905Kb / 24P
HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI-TPS62200_15 Datasheet
1Mb / 28P
TPS6220x High-Efficiency, SOT23 Step-Down, DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com